Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPPSERIES Datasheet(PDF) 4 Page - Tyco Electronics

Part # SMPPSERIES
Description  Surface Mount Plastic PIN Diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMPPSERIES Datasheet(HTML) 4 Page - Tyco Electronics

  SMPPSERIES Datasheet HTML 1Page - Tyco Electronics SMPPSERIES Datasheet HTML 2Page - Tyco Electronics SMPPSERIES Datasheet HTML 3Page - Tyco Electronics SMPPSERIES Datasheet HTML 4Page - Tyco Electronics SMPPSERIES Datasheet HTML 5Page - Tyco Electronics SMPPSERIES Datasheet HTML 6Page - Tyco Electronics SMPPSERIES Datasheet HTML 7Page - Tyco Electronics SMPPSERIES Datasheet HTML 8Page - Tyco Electronics SMPPSERIES Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Surface Mount Plastic PIN Diodes
SMPP Series
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
Each Diode
Reverse
Voltage VR
1
(Volts)
Each Diode
Maximum
Total
Capacitance
2
(pF)
Each Diode
Maximum
RS @ 10 mA
3
(Ohms)
Nominal Characteristics
SOT-323
Model
Number
Each Diode
Carrier Lifetime
4
(
µs)
Each Diode
I-Region
Thickness (mils)
Ls = 1.3 nH
Cpkg = 0.12 pF
MA4P275CK-1146T
75
1.00 @ 20V
0.5
0.2
0.4
MA4P789CK-1146T
75
0.35 @ 20V
1.5
0.2
0.4
MA4P274CK-1146T
100
0.35 @ 50V
3.0
1.0
0.2
SOT-323 Common Cathode
SOT-323 (Cont’d)
1. The reverse current will not exceed 10
µA at the Reverse Voltage rating.
2. Maximum total capacitance is measured at 1 MHz at the indicated voltage.
3. Maximum series resistance is measured at the specified current and a frequency of 100 MHz.
4. Nominal minority lifetime is measured at IF = 10 mA, IR = 6mA, 90% recovery.
5. Also available as reverse polarity series pairs. Designated as “MA4P275STR-1146”, etc.
SOT-323 Common Anode
Reverse
Voltage VR
1
(Volts)
Maximum
Total
Capacitance
2
(pF)
Maximum
RS @ 10 mA
3
(Ohms)
Nominal Characteristics
SOT-323
Model
Number
Carrier Lifetime
4
(
µs)
I-Region
Thickness (mils)
Ls = 1.3 nH
Cpkg = 0.12 pF
MA4P275CA-1146T
75
1.00 @ 20V
0.5
0.2
0.4
MA4P789CA-1146T
75
0.35 @ 20V
1.5
0.2
0.4
MA4P274CA-1146T
100
0.35 @ 50V
3.0
1.0
2.0
SOT-323 Series Pair
5
Each Diode
Reverse
Voltage VR
1
(Volts)
Each Diode
Maximum
Total
Capacitance
2
(pF)
Each Diode
Maximum
RS @ 10 mA
3
(Ohms)
Nominal Characteristics
SOT-323
Model
Number
Each Diode
Carrier Lifetime
4
(
µs)
Each Diode
I-Region
Thickness (mils)
Ls = 1.3 nH
Cpkg = 0.12 pF
MA4P275ST-1146T
75
1.00 @ 20V
0.5
0.2
0.4
MA4P789ST-1146T
75
0.35 @ 20V
1.5
0.2
0.4
MA4P274ST-1146T
100
0.35 @ 50V
3.0
1.0
2.0
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com