Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7606PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7606PBF
Description  Generation V Technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7606PBF Datasheet(HTML) 4 Page - International Rectifier

  IRF7606PBF Datasheet HTML 1Page - International Rectifier IRF7606PBF Datasheet HTML 2Page - International Rectifier IRF7606PBF Datasheet HTML 3Page - International Rectifier IRF7606PBF Datasheet HTML 4Page - International Rectifier IRF7606PBF Datasheet HTML 5Page - International Rectifier IRF7606PBF Datasheet HTML 6Page - International Rectifier IRF7606PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRF7606PbF
4
www.irf.com
Fig 6. Typical On-Resistance Vs. Drain
Current
Fig 7. Typical On-Resistance Vs. Gate
Voltage
Fig 5. Normalized On-Resistance
Vs. Temperature
0.0
0.5
1.0
1.5
2.0
-60 -40 -20
0
20
40
60
80
100 120 140 160
J
T , Junction Temperature (°C)
A
V
= -10V
GS
I = -2.7A
D
0.0
0.1
0.2
0.3
02
46
8
10
12
A
,
-I , Drain Current (A)
VGS = -4.5V
VGS = -10V
0.04
0.06
0.08
0.10
0.12
0.14
2
6
10
14
A
I= -3.6A
/5
-V
, Gate-to-Source Voltage (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com