Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7606PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7606PBF
Description  Generation V Technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7606PBF Datasheet(HTML) 6 Page - International Rectifier

  IRF7606PBF Datasheet HTML 1Page - International Rectifier IRF7606PBF Datasheet HTML 2Page - International Rectifier IRF7606PBF Datasheet HTML 3Page - International Rectifier IRF7606PBF Datasheet HTML 4Page - International Rectifier IRF7606PBF Datasheet HTML 5Page - International Rectifier IRF7606PBF Datasheet HTML 6Page - International Rectifier IRF7606PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRF7606PbF
6
www.irf.com
Micro8 Part Marking Information
Micro8 Package Outline
Dimensions are shown in milimeters (inches)
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
0.10 (.004)
0.25 (.010)
M
A M
H
1 2 3 4
8 7 6 5
D
- B -
3
3
E
- A -
e
6X
e 1
- C -
B
8X
0.08 (.003)
M C A S B S
A 1
L
8X
C
8X
θ
NOTES:
1 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1982.
2 CONTROLLING DIMENSION : INCH.
3 DIMENSIONS DO NOT INCLUDE MOLD FLASH.
A
.036
.044
0.91
1.11
A1
.004
.008
0.10
0.20
B
.010
.014
0.25
0.36
C
.005
.007
0.13
0.18
D
.116
.120
2.95
3.05
e
.0256 BASIC
0.65 BASIC
e1
.0128 BASIC
0.33 BASIC
E
.116
.120
2.95
3.05
H
.188
.198
4.78
5.03
L
.016
.026
0.41
0.66
θ
0°
6°
0°
6°
DIM
LEAD ASSIGNMENTS
SINGLE
DUAL
D D D D
D1 D1 D2 D2
S S S G
S1 G1 S2 G2
1 2 3 4
1 2 3 4
8 7 6 5
8 7 6 5
RECOMMENDED FOOTPRINT
1.04
( .041 )
8X
0.38
( .015 )
8X
3.20
( .126 )
4.24
( .167 )
5.28
( .208 )
0.65
( .0256 )
6X
LOT CODE (XX)
EXAMPLE: THIS IS AN IRF7501
PART NUMBER
P = DES IGNATES LEAD - FREE
PRODUCT (OPTIONAL)
W = WEEK
Y = YEAR
DATE CODE (YW) - S ee table below
WW = (1-26) IF PRECEDED BY LAS T DIGIT OF CALENDAR YEAR
YEAR
Y
WORK
WEEK
W
9
2009
5
2005
2003
2002
2001
2004
3
2
1
4
2007
2006
2008
7
6
8
2010
0
03
02
01
04
C
B
A
D
26
24
25
Z
X
Y
B
2002
B
28
WW = (27-52) IF PRECEDED BY A LETTER
YEAR
2001
Y
A
WEEK
WORK
27
W
A
K
2010
F
2006
2004
2003
2005
D
C
E
2008
2007
2009
H
G
J
X
50
30
29
D
C
51
52
Y
Z



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com