Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-164 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-164
Description  Matched SP4T RF Switch 20 - 1500 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-164 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-164 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Matched SP4T RF Switch
20 - 1500 MHz
SW-164
q
q
q
V2.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
Features
Guaranteed Specifications*
Operating Characteristics
(From -55°C to +85°C)
Internally Terminated
Integral TTL Driver
Low Loss - 0.9 dB Typical
*All specifications apply when operated with bias voltages of +12 VDC
and -5 VDC (±5%) and 50 ohm impedance at all RF ports
DI-2
Ordering Information
Model Number
Package
SW-164 PIN
Dual Inline
Environmental
MIL-STD-883 screening available.
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)
Truth Table
Typical Performance


Similar Part No. - SW-164

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-164-PIN MACOM-SW-164-PIN Datasheet
138Kb / 3P
Matched SP4T RF Switch, 20 - 1500 MHz
logo
M/A-COM Technology Solu...
SW-164-PIN MA-COM-SW-164-PIN Datasheet
55Kb / 3P
Matched SP4T RF Switch, 20-1500 MHz
More results

Similar Description - SW-164

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-124 MACOM-SW-124 Datasheet
83Kb / 1P
SP4T RF Switch 10 - 1000 MHz
SW-162 MACOM-SW-162 Datasheet
83Kb / 1P
Matched SPDT RF Switch 20 - 1500 MHz
SW-254 MACOM-SW-254 Datasheet
73Kb / 2P
Matched GaAs SP4T Switch 5 - 2000 MHz
SW-261 MACOM-SW-261 Datasheet
95Kb / 2P
Matched GaAs SP4T Switch 5 - 2000 MHz
SW-163-PIN MACOM-SW-163-PIN Datasheet
138Kb / 3P
Matched SP3T RF Switch, 20 - 1500 MHz
SW-164-PIN MACOM-SW-164-PIN Datasheet
138Kb / 3P
Matched SP4T RF Switch, 20 - 1500 MHz
logo
M/A-COM Technology Solu...
SW-162-PIN MA-COM-SW-162-PIN Datasheet
54Kb / 3P
Matched SPDT RF Switch, 20 - 1500 MHz
SW-163-PIN MA-COM-SW-163-PIN Datasheet
55Kb / 3P
Matched SP3T RF Switch, 20 - 1500 MHz
SW-164-PIN MA-COM-SW-164-PIN Datasheet
55Kb / 3P
Matched SP4T RF Switch, 20-1500 MHz
SW-261-PIN MA-COM-SW-261-PIN Datasheet
49Kb / 3P
Matched GaAs SP4T Switch, 5 - 2000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com