Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-214 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-214
Description  GaAs SPST Switch DC - 3 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-214 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-214 Datasheet HTML 1Page - Tyco Electronics SW-214 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GaAs SPST Switch
DC - 3 GHz
SW-214
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V2.00
FP-13
Pin Configuration
0.375
±0.020
(9.52
±0.5)
0.375
±0.020
(9.52
±0.5)
PIN 1
PUNCH MARK
PIN 2
PIN 3
0.312 MIN TYP
(7.92)
0.088
(2.24)
0.100
(2.54)
0.200
PIN 4
PIN 5
PIN 6
0.125 MAX
(3.17)
0.050
(1.27)
0.015 DIA
±0.005
(0.38
±0.13)
6 PLACES
Features
Fast Switching Speed, 6 ns Typical
Ultra Low DC Power Consumption
Terminated
Guaranteed Specifications* (From -55°C to +85°C)
Frequency Range
DC-3 GHz
Insertion Loss
DC-3 GHz
1.3
dB Max
DC-2 GHz
1.2
dB Max
DC-1 GHz
0.9
dB Max
DC-0.5 GHz
0.9
dB Max
VSWR
DC-3 GHz
2.0:1
Max
DC-2 GHz
1.7:1
Max
DC-1 GHz
1.3:1
Max
DC-0.5 GHz
1.3:1
Max
Isolation
DC-3 GHz
25
dB Min
DC-2 GHz
38
dB Min
DC-1 GHz
45
dB Min
DC-0.5 GHz
50
dB Min
Operating Characteristics
Impedance
50 Ohms Nominal
Switching Characteristics†
tRISE, tFALL
3 ns Typ
tON, tOFF (50% CTL to 90/10%RF)
6 ns Typ
Transients (In-Band)
30 mV Typ
Input Power for 1 dB Compression
Control Voltages (Vdc)
0/-5
0/-8
0.5-3 GHz
+27
+33
dBm Typ
0.05 GHz
+21
+26
dBm Typ
Intermodulation Intercept Point
(for two-tone input power up to +13 dBm)
Intercept Points
IP
2
IP
3
0.5-3 GHz
+68
+46
dBm Typ
0.05 GHz
+62
+40
dBm Typ
Control Voltages (Complementary Logic)
V
IN Low
0 to -0.2V @ 20 µA Max
V
IN Hi
-5V @ 50 µA Typ to -8V @ 300 µA Max
Environmental
MIL-STD-883 screening available.
* All specifications apply with 50 ohm impedance connected to all RF
ports with 0 and -5 VDC control voltages.
† Faster switching speed can be achieved with enhanced driver
waveform.
Ordering Information
Model No.
Package
SW-214
PIN
Flatpack
q
q
q
Control Input
Condition of Switch
A
B
RF1 to RF2
Hi
Low
ON
Low
Hi
OFF
Truth Table
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)
WEIGHT (APPROX.):
0.03 OUNCES
0.8 GRAMS


Similar Part No. - SW-214

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-214 MA-COM-SW-214 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW-214-PIN MACOM-SW-214-PIN Datasheet
111Kb / 3P
GaAs SPST Switch, DC - 3 GHz
logo
M/A-COM Technology Solu...
SW-214-PIN MA-COM-SW-214-PIN Datasheet
55Kb / 3P
GaAs SPST Switch, DC - 3 GHz
More results

Similar Description - SW-214

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6020G MACOM-MASW6020G Datasheet
104Kb / 2P
GaAs SPST Switch DC-6 GHz
SW-259 MACOM-SW-259 Datasheet
102Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
MASWSS0162 MACOM-MASWSS0162 Datasheet
169Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
SW-209 MACOM-SW-209 Datasheet
101Kb / 2P
Matched GaAs SPST Switch DC - 3 GHz
SW-214-PIN MACOM-SW-214-PIN Datasheet
111Kb / 3P
GaAs SPST Switch, DC - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0162 MA-COM-MASWSS0162 Datasheet
88Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
SW-214-PIN MA-COM-SW-214-PIN Datasheet
55Kb / 3P
GaAs SPST Switch, DC - 3 GHz
SW-259 MA-COM-SW-259 Datasheet
97Kb / 4P
GaAs SPST Switch DC - 2.5 GHz
MASWSS0162 MA-COM-MASWSS0162 Datasheet
88Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
MASWSS0162 MA-COM-MASWSS0162_15 Datasheet
571Kb / 4P
GaAs SPST Switch DC - 2.5 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com