Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7807VPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7807VPBF
Description  N Channel Application Specific MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7807VPBF Datasheet(HTML) 4 Page - International Rectifier

  IRF7807VPBF_15 Datasheet HTML 1Page - International Rectifier IRF7807VPBF_15 Datasheet HTML 2Page - International Rectifier IRF7807VPBF_15 Datasheet HTML 3Page - International Rectifier IRF7807VPBF_15 Datasheet HTML 4Page - International Rectifier IRF7807VPBF_15 Datasheet HTML 5Page - International Rectifier IRF7807VPBF_15 Datasheet HTML 6Page - International Rectifier IRF7807VPBF_15 Datasheet HTML 7Page - International Rectifier IRF7807VPBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF7807VPbF
4
www.irf.com
Typical Mobile PC Application
The performance of these new devices has been tested
in circuit and correlates well with performance predic-
tions generated by the system models. An advantage of
this new technology platform is that the MOSFETs it
produces are suitable for both control FET and synchro-
nous FET applications. This has been demonstrated with
the 3.3V and 5V converters. (Fig 3 and Fig 4). In these
applications the same MOSFET IRF7807V was used for
both the control FET (Q1) and the synchronous FET
(Q2). This provides a highly effective cost/performance
solution.
Figure 3
Figure 4
Figure 2: Q
oss Characteristic
For the synchronous MOSFET Q2, R
ds(on) is an im-
portant characteristic; however, once again the im-
portance of gate charge must not be overlooked since
it impacts three critical areas. Under light load the
MOSFET must still be turned on and off by the con-
trol IC so the gate drive losses become much more
significant. Secondly, the output charge Q
oss and re-
verse recovery charge Q
rr both generate losses that
are transfered to Q1 and increase the dissipation in
that device. Thirdly, gate charge will impact the
MOSFETs’ susceptibility to Cdv/dt turn on.
The drain of Q2 is connected to the switching node
of the converter and therefore sees transitions be-
tween ground and V
in. As Q1 turns on and off there is
a rate of change of drain voltage dV/dt which is ca-
pacitively coupled to the gate of Q2 and can induce
a voltage spike on the gate that is sufficient to turn
the MOSFET on, resulting in shoot-through current .
The ratio of Q
gd/Qgs1 must be minimized to reduce the
potential for Cdv/dt turn on.
Spice model for IRF7807V can be downloaded in
machine readable format at www.irf.com.
3.3V Supply : Q1=Q2= IRF7807V
5.0V Supply : Q1=Q2= IRF7807V
83
84
85
86
87
88
89
90
91
92
93
123
45
Load current (A)
Vin=24V
Vin=14V
Vin=10V
86
87
88
89
90
91
92
93
94
95
1
2
345
Load current (A)
Vin=24V
Vin=14V
Vin=10V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com