Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7807VPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRF7807VPBF
Description  N Channel Application Specific MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7807VPBF Datasheet(HTML) 5 Page - International Rectifier

  IRF7807VPBF_15 Datasheet HTML 1Page - International Rectifier IRF7807VPBF_15 Datasheet HTML 2Page - International Rectifier IRF7807VPBF_15 Datasheet HTML 3Page - International Rectifier IRF7807VPBF_15 Datasheet HTML 4Page - International Rectifier IRF7807VPBF_15 Datasheet HTML 5Page - International Rectifier IRF7807VPBF_15 Datasheet HTML 6Page - International Rectifier IRF7807VPBF_15 Datasheet HTML 7Page - International Rectifier IRF7807VPBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRF7807VPbF
www.irf.com
5
Fig 5. Normalized On-Resistance
Vs. Temperature
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 7. On-Resistance Vs. Gate Voltage
Fig 8. Typical Source-Drain Diode
Forward Voltage
-60 -40 -20
0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
4.5V
7.0A
0
2
4
6
8
10
12
0
1
2
3
4
5
Q , Total Gate Charge (nC)
G
I =
D
7.0A
V
= 16V
DS
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
VGS, Gate -to -Source Voltage (V)
0.010
0.015
0.020
0.025
0.030
ID = 7.0A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com