Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-224 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-224
Description  GaAs SPDT Switch DC-2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-224 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-224 Datasheet HTML 1Page - Tyco Electronics SW-224 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Low Insertion Loss, 0.5 dB Typical
Integral TTL Driver
Low DC Power Consumption
Guaranteed Specifications *
(From -55°C to +85°C)
Frequency Range
DC-2 GHz
Insertion Loss
DC-2 GHz
0.8 dB Max
DC-1 GHz
0.7 dB Max
DC-0.5 GHz
0.7 dB Max
VSWR
DC-2 GHz
1.5:1 Max
DC-1 GHz
1.25:1 Max
DC-0.5 GHz
1.15:1 Max
Isolation
DC-2 GHz
30 dB Min
DC-1 GHz
35 dB Min
DC-0.5 GHz
40 dB Min
Operating Characteristics
Impedance
50 Ohms Nominal
Switching Characteristics†
Trise, Tfall
10 ns Typ
Ton, Toff (50% CTL to 90/10% RF)
150 ns Typ
Transients (In-Band)
15 mV Typ
Input Power for 1 dB Compression
0.5-2 GHz
+27 dBm Typ
0.05 GHz
+21 dBm Typ
Intermodulation Intercept Point
(for two-tone input power up to +13 dBm)
Intercept Points
IP
2
IP
3
0.5-2 GHz
+68
+46
dBm Typ
0.05 GHz
+62
+40
dBm Typ
Bias Power
+5 VDC @ 1 mA Max
-5 VDC @ 1 mA Max
Environmental
See Appendix for MIL-STD-883 screening option.
* All specifications apply when operated with bias voltages of +5 VDC
and -5 VDC and 50 ohm impedance at all RF ports.
M/A-COM, Inc.
s
1011 Pawtucket Boulevard, Lowell, MA 01853 USA
s
Telephone: 800-366-2266
Specifications Subject to Change Without Notice.
V2.01
GaAs SPDT Switch
DC-2 GHz
TO-5-3
q
q
q
SW-224/225
Dimensions in ( ) are in mm.
Unless Otherwise Noted:.xxx = ± 0.010 (.xx = ± 0.25)
.xx = ± 0.02 (.x = ± 0.5)
0.500 MIN
(12.7)
0.200 MAX
(5.08)
0.36 DIA.
(9.14
± 0.5)
PIN 8
PIN 1
BOTTOM
VIEW
Pins Equally Spaced
On 0.230 DIA (5.84) BC
Located As Shown
WEIGHT (APPROX.): 0.025 OUNCES 0.7 GRAMS
0.018
± 0.005
(0.46
± 0.13)
Ordering Information
Model No.
Package
SW-224
PIN
TO-5-3
SW-225
PIN
Flatpack
FP-13
0.015 DIA
±0.005
(0.38
±0.13)
6 PLACES
PIN 1
0.375
±0.020
(9.52
±0.5)
0.312 MIN TYP
(792)
0.088
(2.24)
0.100
(2.54)
0.200
(5.08)
PIN 4
PIN 5
PIN 6
PIN 3
PIN 2
PUNCH
MARK
0.050
(1.27)
0.125 MAX
(3.17)
0.375
±0.020
(9.52
±0.5)
Bottom of Case is AC Ground.
Dimensions in ( ) are in mm.
Unless Otherwise Noted:.xxx = ± 0.010 (.xx = ± 0.25)
.xx = ± 0.02 (.x = ± 0.5)


Similar Part No. - SW-224

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-224 MA-COM-SW-224 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
List of Unclassifed Man...
SW-224 ETC2-SW-224 Datasheet
313Kb / 2P
P R INT E D C I RCUI T T R ANS FORME R S
SW-224 ETC2-SW-224 Datasheet
341Kb / 3P
PRINTED CIRCUIT TRANSFORMERS
SW-224 ETC1-SW-224 Datasheet
35Kb / 2P
Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
logo
Tyco Electronics
SW-224-PIN MACOM-SW-224-PIN Datasheet
126Kb / 3P
GaAs SPDT Switch, DC - 2 GHz
More results

Similar Description - SW-224

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-229 MACOM-SW-229 Datasheet
211Kb / 3P
Connectorized SPDT GaAs Switch, DC - 2 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-224-PIN MACOM-SW-224-PIN Datasheet
126Kb / 3P
GaAs SPDT Switch, DC - 2 GHz
SW-226-PIN MACOM-SW-226-PIN Datasheet
141Kb / 4P
GaAs SPDT Switch DC - 4 GHz
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS400 HW-HWS400 Datasheet
139Kb / 3P
GaAs DC-2 GHz SPDT Terminated Switch
HWS426 HW-HWS426 Datasheet
73Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS450 HW-HWS450 Datasheet
80Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS2702 HW-HWS2702 Datasheet
115Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
logo
M/A-COM Technology Solu...
SW-224-PIN MA-COM-SW-224-PIN Datasheet
65Kb / 3P
GaAs SPDT Switch, DC - 2 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com