Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-224 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-224
Description  GaAs SPDT Switch DC-2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-224 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-224 Datasheet HTML 1Page - Tyco Electronics SW-224 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GaAs SPDT Switch
SW-224/225
M/A-COM, Inc.
s
1011 Pawtucket Boulevard, Lowell, MA 01853 USA
s
Telephone: 800-366-2266
Typical Performance
1.5
1.0
0.5
0
01
2
3
FREQUENCY (GHz)
80
70
60
50
40
30
01
2
3
FREQUENCY (GHz)
1.8
1.6
1.4
1.2
1.0
01
2
3
FREQUENCY (GHz)
INSERTION LOSS
ISOLATION
VSWR
Specifications Subject to Change Without Notice.
V2.01
Pin Configuration
TTL
CTL
RF 2
RF 1
ODD
COLOR
BEAD
+5
-5
RF COMMON
Truth Table
TTL Control Input
Condition of Switch
“1” = TTL Logic High
RF Common To Each RF Port
RF1
RF2
1
ON
OFF
0
OFF
ON



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com