Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-231PIN Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-231PIN
Description  Matched GaAs SPST Switch 5 - 4000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-231PIN Datasheet(HTML) 1 Page - Tyco Electronics

  SW-231PIN Datasheet HTML 1Page - Tyco Electronics SW-231PIN Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Matched GaAs SPST Switch
5 - 4000 MHz
SW-231
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V2.00
FP-16
CTL
RF
+
RF1
RF2
0.500
0.110
(2.79) TYP
PIN 1
6 EQUAL SPACES
@ 0.100 (2.54)
TOLERANCE
NON-CUMULATIVE
0.325
(8.26)
MIN
ODD
COLORED
BEAD
PIN 14
0.820
± 0.005
(20.83
± 0.13)
0.015
± 0.005
(0.38
± .13)
DIA 14 PLACES
0.070
(1.78)
(0.145)
(3.68)
MAX
Features
Low Insertion Loss: 1.0 dB Typ.
Fast Switching Speed: 20 ns Typ.
Ultra Low DC Power Consumption: 0.07 mA Typ.
Integral TTL
MIL-STD-883 Screening Available
Guaranteed Specifications* (From -55°C to +85°C)
Frequency Range
5 - 4000 MHz
Insertion Loss
5 - 4000 MHz
2.8 dB Max.
5 - 2000 MHz
1.5 dB Max.
5 - 1000 MHz
1.2 dB Max.
5 - 500 MHz
1.1 dB Max.
VSWR
5 - 4000 MHz
2.3:1 Max.
5 - 2000 MHz
1.9:1 Max.
5 - 1000 MHz
1.5:1 Max.
5 - 500 MHz
1.4:1 Max.
Isolation
5 - 4000 MHz
22 dB Min.
5 - 2000 MHz
37 dB Min.
5 - 1000 MHz
50 dB Min.
5 - 500 MHz
60 dB Min.
Operating Characteristics
Impedance
50 Ohms Nominal
Switching Characteristics
t
ON, tOFF (50% CTL to 90/10% RF)
7 ns Typ.
t
ON, tOFF
20 ns Typ.
Transients (In- Band)
70 mV Typ.
Input Power for 1 dB Compression
500 - 4000 MHz
+ 27 dBm Typ.
50 MHz
+ 21 dBm Typ.
Intermodulation Intercept Point
(for two-tone input power up to +13 dBm)
Intercept Points
IP2
IP3
500 - 4000 MHz
+68
+46
dBm Typ
50 MHz
+60
+40
dBm Typ
Bias Power
+ 5 VDC @ 0.07 mA Typ, 1mA Max.
* All specifications apply when operated with bias voltages
of + 5 VDC. 50 ohm impedance at all RF ports.
Ordering Information
SW-231 PIN
Flatpack
q
q
q
q
q
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)
WEIGHT (APPROX.):
0.14 OUNCES
4 GRAMS


Similar Part No. - SW-231PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-231-PIN MACOM-SW-231-PIN Datasheet
144Kb / 3P
Matched GaAs SPDT Switch, 5 - 4000 MHz
logo
M/A-COM Technology Solu...
SW-231-PIN MA-COM-SW-231-PIN Datasheet
59Kb / 3P
Matched GaAs SPST Switch, 5 - 4000 MHz
SW-231-PIN-V4 MA-COM-SW-231-PIN-V4 Datasheet
204Kb / 3P
Matched GaAs SPST Switch
More results

Similar Description - SW-231PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-215 MACOM-SW-215 Datasheet
68Kb / 2P
Matched GaAs SPST Switch 5 - 3000 MHZ
SW-215-PIN MACOM-SW-215-PIN Datasheet
138Kb / 3P
Matched GaAs SPST Switch, 5 - 3000 MHz
SW-231-PIN MACOM-SW-231-PIN Datasheet
144Kb / 3P
Matched GaAs SPDT Switch, 5 - 4000 MHz
SW-233-PIN MACOM-SW-233-PIN Datasheet
144Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-261-PIN MACOM-SW-261-PIN Datasheet
131Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-215-PIN MA-COM-SW-215-PIN Datasheet
57Kb / 3P
Matched GaAs SPST Switch, 5 - 3000 MHz
SW-231-PIN MA-COM-SW-231-PIN Datasheet
59Kb / 3P
Matched GaAs SPST Switch, 5 - 4000 MHz
SW-209 MA-COM-SW-209 Datasheet
108Kb / 3P
Matched GaAs SPST Switch
SW-231-PIN-V4 MA-COM-SW-231-PIN-V4 Datasheet
204Kb / 3P
Matched GaAs SPST Switch
SW05-0311 MA-COM-SW05-0311_15 Datasheet
588Kb / 5P
Matched GaAs SPST Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com