Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD32 Datasheet(PDF) 1 Page - Picker Components

Part # PCD32
Description  DC Output Solid State Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCD32 Datasheet(HTML) 1 Page - Picker Components

  PCD32 Datasheet HTML 1Page - Picker Components PCD32 Datasheet HTML 2Page - Picker Components PCD32 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS32 DC Output Rev A 8/4/15
1 of 3
DC Output Solid State Relay
PCS32 DC Output
OUTPUT PARAMETERS (Ta = 25°C)
Load Voltage Range
24D
0 - 28.8 VDC
48D
0 - 57.6 VDC
Max. Transient Voltage
24D
33 VDC
48D
58 VDC
Load Current Range
24D3
0.02 - 3 A
24D4
0.02 - 4 A
24D5
0.02 - 5 A
48D3
0.02 - 3 A
Max. Surge Current (10 ms)
24D3
48 Apk
24D4
48 Apk
24D5
60 Apk
48D3
30 Apk
Max. Off-State Leakage Current
100 uA
Max. On-State Voltage Drop
24D3
0.2 VDC
24D4
0.35 VDC
24D5
0.2 VDC
48D3
Max. Turn-On Time
50 us
Max. Turn-Off Time
300 us
0.35 VDC
FEATURES
 Small Dimension for High Packing Density PCB Assembly or
Socket Mount
 2,500 VRMS Opto-Isolation Between Input and Output
 TTL and CMOS compatible
 Pin Compatible with Standard Package EMR
 RoHS Compliant
E93379
INPUT PARAMETERS (Ta = 25°C)
Control Voltage Range
5D
4 - 6 VDC
12D
9.6 - 14.4 VDC
24D
19.2 - 28.8 VDC
48D
38.4 - 57.6 VDC
60D
48 - 72 VDC
Must Turn-On Voltage
5D
4 VDC
12D
9.6 VDC
24D
19.2 VDC
48D
38.4 VDC
60D
48 VDC
Must Turn-Off Voltage
5D
1 VDC
12D
3 VDC
24D
10 VDC
48D
10 VDC
60D
20 VDC
Max. Input Current
Max. Reverse Protection Voltage
5D
-6 VDC
12D
-14.4 VDC
24D
-28.8 VDC
48D
-57.6 VDC
60D
-72 VDC
25 mA
ORDERING INFORMATION
Example:
PCS32 Output -12D
-24D
-2
Z
Model: PCS32 DC Output
Control Voltage: 5D: 5 VDC; 12D: 12 VDC;
24D: 24 VDC;48D: 48 VDC; 60D: 60 VDC
Load Voltage: 24D: 24 VDC; 48A: 48 VDC
Load Current: 3: 3 A (Vertical); 4: 4 A (Vertical); 5: 5 A (Horizontal)
 
Mounting Mode: Nil: Vertical (PC Pins In Line); H: Horizontal (PC Pins Dual In Line)
Vertical Box Quantity: 2000; Inner Box: 100, Horizontal Box Quantity: 500; Inner Box: 50
RC Snubber type Nil: Without RC Snubber  
Horizontal
Vertical


Similar Part No. - PCD32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3310 PHILIPS-PCD3310 Datasheet
145Kb / 28P
Pulse and DTMF diallers with redial
1996 Nov 21
PCD3310A PHILIPS-PCD3310A Datasheet
145Kb / 28P
Pulse and DTMF diallers with redial
1996 Nov 21
PCD3310AP PHILIPS-PCD3310AP Datasheet
145Kb / 28P
Pulse and DTMF diallers with redial
1996 Nov 21
PCD3310AT PHILIPS-PCD3310AT Datasheet
145Kb / 28P
Pulse and DTMF diallers with redial
1996 Nov 21
PCD3310P PHILIPS-PCD3310P Datasheet
145Kb / 28P
Pulse and DTMF diallers with redial
1996 Nov 21
More results

Similar Description - PCD32

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SGD15100 CELDUC-SGD15100 Datasheet
120Kb / 3P
DC SOLID STATE RELAY
logo
Picker Components
PCS32 PICKER-PCS32 Datasheet
245Kb / 2P
DC Output Solid State Relay
logo
Solid State Optronic
SMA4122 SSOUSA-SMA4122 Datasheet
222Kb / 6P
DC MOSFET Output Solid State Relay
logo
Picker Components
PCS27-DC PICKER-PCS27-DC Datasheet
241Kb / 2P
DC Output Solid State Relay
PCS32 PICKER-PCS32_17 Datasheet
1Mb / 3P
DC Output Solid State Relay
PCS33 PICKER-PCS33_17 Datasheet
1Mb / 3P
Solid State Relay?봎OSFET DC Voltage Output
PCS52 PICKER-PCS52 Datasheet
1Mb / 3P
DC OutPut Compact Solid State Relay
logo
Willow Technologies Ltd
SERIESCD WILLOW-SERIESCD Datasheet
746Kb / 4P
DC Solid-State Relay
logo
celduc-relais
SPD07505 CELDUC-SPD07505 Datasheet
212Kb / 2P
DC Solid State Relay
STD03510 CELDUC-STD03510 Datasheet
184Kb / 2P
DC Solid State Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com