Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD32 Datasheet(PDF) 2 Page - Picker Components

Part # PCD32
Description  DC Output Solid State Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCD32 Datasheet(HTML) 2 Page - Picker Components

  PCD32 Datasheet HTML 1Page - Picker Components PCD32 Datasheet HTML 2Page - Picker Components PCD32 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS32 DC Output Rev A 8/4/15
2 of 3
PRECAUTIONS
PCS32 DC Output
PCS32 DC Output
DIMENSIONS (mm)
1. Soldering must be completed within 10s at 260 or less or within 5s at 350 or less.
2. The SSR case serves to dissipate heat. Install the relays so that they are adequately ventilated. If poor ventilation is unavoidable, the load current must be
reduced. Please refer to the curve of Max. Load current Vs. Ambient Temperature.
3. If the output transient voltage exceeds the norminal value, a varistor should be mounted on the SSR output terminal in parallel to prevent the
relay being
breakdown. 240VAC output relays are suggested to use 470 VDC varistors.
4. Please do not use the relay beyond the descriptions in the datasheet. 
CHARACTERISTICS
Dielectric Strength
 
2,500 VAC, 1 min. (Input yo Output)
Insulation Resistance 
1,000 MΩ at 500 VDC
Max. Capacitance
5 pF (Input to Output)
Vibration Resistance 
10 Hz - 55 Hz 1.5 mmm DA
Shock Resistance
Acceleration 980 m/s2, Continuous Surge 6 ms
Operating Temperture
- 30°C to 80°C
Storage Temperature
- 30°C to 100°C
Relative Humidity
45% - 85%
Weight
11 g (Horizontal), 4g (Vertical)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com