Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS4 Datasheet(PDF) 1 Page - Picker Components

Part # PCS4
Description  2 Amp Solid State Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS4 Datasheet(HTML) 1 Page - Picker Components

  PCS4 Datasheet HTML 1Page - Picker Components PCS4 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS4 Rev A 8/4/15
1 of 2
FEATURES
 DC Input/AC Output for 2A Current Load at 25°C
 Printed Circuit Board Mount
 Built in Snubber
 DC Input: 5 V, 12 V or 24 V
 2000 VAC Opto-Isolation Between Input and Output
 Encapsulated, Thermally Conductive Epoxy
 RoHS Compliant
2 Amp Solid State Relay
PCS4
E93379
INPUT PARAMETERS (Ta = 25°C)
Control Voltage Range
5
4 - 6 VDC
12
9.6 - 14.4 VDC
24
19.2 - 28.8 VDC
Must Operate Voltage
5
4 VDC
12
9.6 VDC
24
19.2 VDC
Must Release Voltage
1.0 VDC
Maximum Input Current
25 mA
5
270 Ω 
12
750 Ω 
24
1.64 kΩ 
Input Resistance
OUTPUT PARAMETERS (Ta = 25°C)
Load Voltage Range
48 VAC to 280 VAC
Load Current Range
0.1 A to 2 A
Max. Surge Current (10ms)
25 Apk
Max. Leakage Current
1.5 mA
Max. On-State Voltage Drop
1.5 Vrms
Max. Turn-On Time
Zero Cross
1/2 Cycle + 1 ms
Random
1 ms
Max. Turn-Off Time
1/2 Cycle + 1 ms
600 Vpk
Max. Transient Overvoltage
Off-State dv/dt
100 V/us
Max Zero-Cross Overvoltage
± 15 V
Min. Power Factor
0.5
Max. I2 for Fusing (10 ms)
3.1 A2 s
ORDERING INFORMATION
CHARACTERISTICS
Dielectric Strength (Input to Output)
2000 VAC, 50 Hz/60 Hz, 1 min
Insulation Resistance
1000 MΩ at 500 VDC
Max. Capacitance (Input to Output)
5 pf
Vibration Resistance
10 Hz to 55 Hz 1.5 mm DA
Shock Resistance
980 m/s2
Operating Temperture
- 30°C to 80°C
Storage Temperature
- 30°C to 100°C
Ambient Humidity
Up to 85% RH
Weight
6 g
Example: 
PCS4 ‐12D ‐240A ‐2 
Z 
T 
Model:  PCS4
  
  
  
  
  
  
Control Voltage:  5D: 5 VDC, 12D: 12 VDC, 24D: 24 VDC 
  
  
  
  
Load  Voltage:  240A: 240VAC 
  
  
  
  
Load Current: 1: 1 Amp, 2: 2 Amp   
  
  
  
Switching Type:  Z: Zero Crossing, R:  Random Turn‐On 
  
  
Termina on:  T: T Type (231mm)  M: M Type (341mm)  K: K Type (241mm) 
  
Box Quantity: 1000; Inner Box: 100


Similar Part No. - PCS4

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS41 PICKER-PCS41 Datasheet
1Mb / 3P
AC Output Solid State Relay/Output Module
PCS440A1 PICKER-PCS440A1 Datasheet
190Kb / 2P
Double SCR Solid State Relay
PCS440A1-1 PICKER-PCS440A1-1 Datasheet
190Kb / 2P
Double SCR Solid State Relay
PCS440A1L PICKER-PCS440A1L Datasheet
190Kb / 2P
Double SCR Solid State Relay
PCS440A2 PICKER-PCS440A2 Datasheet
190Kb / 2P
Double SCR Solid State Relay
More results

Similar Description - PCS4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1503AB VISHAY-LH1503AB Datasheet
58Kb / 5P
2 Form A Solid State Relay
06-March-02
logo
Solid State Optronic
AD42211 SSOUSA-AD42211 Datasheet
175Kb / 4P
2 Form A Solid State Relay
logo
Vishay Siliconix
LH1503AAC VISHAY-LH1503AAC Datasheet
190Kb / 9P
2 Form A Solid State Relay
26-Oct-04
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
American Zettler, Inc.
SGC-4F AZETTLER-SGC-4F Datasheet
73Kb / 2P
SOLID STATE RELAY 2 AMP 250 VAC
logo
Vishay Siliconix
LH1503AAC VISHAY-LH1503AAC_11 Datasheet
156Kb / 7P
2 Form A Solid-State Relay
25-Jul-11
LH1513AAC VISHAY-LH1513AAC_11 Datasheet
157Kb / 7P
2 Form A Solid-State Relay
25-Jul-11
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
logo
Picker Components
PCS4 PICKER-PCS4_17 Datasheet
2Mb / 2P
2 Amp Solid State Relay
PCS20 PICKER-PCS20_17 Datasheet
2Mb / 2P
1.5 Amp Solid State Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com