Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS4 Datasheet(PDF) 2 Page - Picker Components

Part # PCS4
Description  2 Amp Solid State Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS4 Datasheet(HTML) 2 Page - Picker Components

  PCS4 Datasheet HTML 1Page - Picker Components PCS4 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS4 Rev A 8/4/15
2 of 2
PCS4
PCS4
DIMENSIONS (mm/inches)
PRECAUTIONS
1.
Soldering must be completed within 10s at 260* or less or within 5s at 350* or less.
2.
The SSR case serves to dissipate heat. Install the relays so that they are adequately ventilated. If poor ventilation is unavoidable, the load current must be
reduced. Please refer to the curve of "Max. Load current Vs. Ambient Temperature".
3.
The input circuitry does not incorporate a circuit protecting the SSR from being damaged due to a reversed connection. Make sure that the polarity and the
input and output are correct when connecting.
4.
If the output transient voltage exceeds the nominal value a varistor should be mounted on the SSR output terminal in parallel to prevent the relay being
breakdown. The recommended varistor voltage 470V.
5.
When using the relay in phase control applications, at a phase control angle close to 180 degrees the relay's input signal turn off at the trailing edge of the
AC sine wave must be limited to end 200*s before AC zero cross. This assures that the relay has time to switch off. Shorter times may cause loss of con-
trol at the following half cycle.
6.  Please do not use the relay beyond the descriptions in the Data Sheet.
7. Terminal Arrangement 
Max. Permissible Non-repetitive Peak Surge Current vs. Continuance Time
ITSM(A)
Max. Load Current vs. Ambient Temperature
CHARACTERISTIC CURVES
Ambient Temperature (C)
Energizing Continuance Time (ms)
T Type
M Type
Outline Dimensions
PCB Layout
(Bottom View)
 
Wiring Diagram
K Type



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com