Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS15 Datasheet(PDF) 1 Page - Picker Components

Part # PCS15
Description  Panel Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS15 Datasheet(HTML) 1 Page - Picker Components

  PCS15 Datasheet HTML 1Page - Picker Components PCS15 Datasheet HTML 2Page - Picker Components PCS15 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS15 Rev A 8/4/15
1 of 3
AC/DC Input Solid State Relay
PCS15
OUTPUT PARAMETERS (Ta = 35°C)
Load Voltage Range
240 A
48 - 280 VAC
380 A
48 - 440 VAC
Max. Transient Voltage
240 A
600 Vpk
800 Vpk
Load Current
10
15
20
25
40
Load Current Range
0.1 - 10 0.1 - 15 0.1 - 20 0.1 - 25 0.1 - 40
Max. I2t (10 ms, A2s)
78
144
312
312
880
Max. Surge Current (10 ms) 100 Apk 150 Apk 200 Apk 250 Apk 400 Apk
Max. Off-State Leakage
Current
10 mA
Max. On-State Voltage
Drop
1.5 VRMS
Max. Turn-On Time
(DC Input)
Zero –Cross: 1/2 Cycles + 1 ms; Random: 1 ms
Max. Turn-On Time
(AC Input)
30 ms
Max. Turn-Off Time
AC Input: 40 ms
DC Input: 1/2 Cycles + 1 ms
Min. Off-State dv/dt
200 V/us
Min. Power Factor
0.5
380 A
FEATURES
 10 A to 40 A Output
 DC Input: 3-32 VDC, or AC Input: 24, 110 or 220 VAC
 Panel Mount
 Built in Snubber
 4,000 VAC Opto-Isolation Between Input and Output
 Encapsulated, Thermally Conductive Epoxy
 RoHS Compliant
E93379
INPUT PARAMETERS (Ta = 35°C)
Control Voltage Range
(DC Input)
3 - 32 VDC (Without LED)
4 - 32 VDC (With LED)
Control Voltage Range
(AC Input)
85 - 132 VAC (110 VAC Input)
175 - 264 VAC (220 VAC Input)
19.2 VAC (24 VAC Input)
Must Turn-On Voltage
(DC Input)
3 VDC (Without LED)
4 VDC (With LED)
Must Turn-On Voltage
(AC Input)
85 VAC (110 VAV Input)
175 VAC (220 VAC Input)
Must Turn-Off Voltage (DC Input)
1 VDC
Must Turn-Off Voltage
(AC Input)
10 VAC (110 V, 220 V Input)
2 VAC (24 V Input)
Max. Input Current
25 mA (DC)
15 mA (AC)
Max Reverse Protection Voltage
(DC Input)
- 32 VDC
19.2 VAC (24 VAC Input)
ORDERING INFORMATION
Dielectric Strength  
2,500 VAC, 50 Hz/60 Hz, 1 min, Input, Output to Base
4,000 VAC, 50 Hz/60 Hz, 1 min, Input to Output
Insulation Resistance
1,000 MΩ at 500 VDC
CHARACTERISTICS
Example:
PCS15
-D
-24A
-10
Z
L
Model: PCS15
Control Voltage: D: 3-32 VDC (Without LED),
4-32 VDC (With LED);
24A: 24 VAC; 110A: 110 VAC; 220A: 220 VAC
Load Voltage: 240A: 48-280 VAC; 380A: 48-440 VAC
Load Current: 10: 10 A; 15: 15 A; 20: 20 A; 25: 25 A; 40: 40 A
Switching Type: Z: Zero Crossing; R: Random Turn-On
Status LED: Nil: Not Included; L: Indicaor LED
Box Quantity: 100; Inner Box: 2
Terminal Type: Nil: Screw Terminal; Q: Quick Connect (1/4” Control, 3/8” Power)
Operating Temperature
- 30°C to 80°C
Storage Temperature
- 30°C to 100°C
Weight
70 g
For Accessories and
Heat Sink see page 3


Similar Part No. - PCS15

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS15 PICKER-PCS15_17 Datasheet
1Mb / 3P
AC/DC Input Solid State Relay
More results

Similar Description - PCS15

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
Panel Mount
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
PANEL MOUNT
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
panel mount
logo
Pepperl+Fuchs Inc.
V1D-M16-V1D PF-V1D-M16-V1D Datasheet
141Kb / 1P
panel mount
2018-11-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com