Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS15 Datasheet(PDF) 2 Page - Picker Components

Part # PCS15
Description  Panel Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS15 Datasheet(HTML) 2 Page - Picker Components

  PCS15 Datasheet HTML 1Page - Picker Components PCS15 Datasheet HTML 2Page - Picker Components PCS15 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS15 Rev A 8/4/15
2 of 3
PCS15
PCS15
PRECAUTIONS
1)
Whenchoosing a Solid State Relay (SSR), note the actual loadcurrent and ambient temperature and reference the Characteristic Curves below.
2)
SSRs require a adequate heat sinking or other effective cooling measures.
3)
With ambient temperature above 25°C refer to the curve of Max. Load Current vs Ambient Temperature for load current derating.
4)
5)
recommended screw installation torque asfollows :
M4 screw mounting
will damage the SSR withheat generated from connections.Also, excessive
6)
to the Current Load. With any heat sink test that the SSR basetemperature does not exceed 65"C.
7)
When using the PCS15 relay with an inductive load, it is suggested to select random
8)
do not choose products with varistor protection(i.e., a model with “Y” letter
9)
Listed parameters are based on resistive loads. Do not use the relay beyond the described current, temperature, load or voltage limits as de-
scribed in this data sheet.
DIMENSIONS (mm)
2 ‐ 4.75 mm x 0.8 mm  
Faston Terminal 
2 ‐ 6.35 mm x 0.8 mm  
Faston Terminal 
QUICK CONNECT
SCREW TERMINAL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com