Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS28 Datasheet(PDF) 1 Page - Picker Components

Part # PCS28
Description  Dual Solid State Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS28 Datasheet(HTML) 1 Page - Picker Components

  PCS28 Datasheet HTML 1Page - Picker Components PCS28 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS28 Rev A 8//4/15
1 of 2
Dual Solid State Relay
PCS28
OUTPUT PARAMETERS (Ta = 25°C)
-24, 25 -38, 25 -24, 40 -38, 40 -24, 50 -38, 50
Load Voltage Range
(VAC)
48-280 48-440 48-280 48-440 48-280 48-440
Max. Transient Voltage
(Vpk)
600
800
600
800
600
800
Load Current Range
0.1 - 25 A
0.1 - 40 A  
0.1 - 50 A  
Max. Surge Current
(10 ms)
300 
400 
Max. I2t (10 ms, A2s)
450
800 
1250
Max. On-State Voltage
1.5 VRMS
Max. Off-State Leakage
Current
10 mA
Min. Off-State dv/dt
500 V/us
Max. Turn-On Time
Zero –Cross: 1/2 Cycles + 1 ms; Random: 1 ms
Max. Turn-Off Time
1/2 Cycles + 1 ms
Frequency Range
47 - 63 Hz
Min. Power Factor
0.5
500 
FEATURES
 Dual Solid State
 SCR Output
 Panel Mount
 Built in Snubber
 Opto-Isolation Between Input and Output
 RoHS Compliant
E93379
INPUT PARAMETERS (Ta = 25°C)
Control Voltage Range
1D
4 - 15 VDC
2D
15 - 32 VDC
Must Turn-On Voltage
1D
4 VAC
2D
15 VAC
1D
8 - 50 mA
2D
6 - 30 mA
Input Resistance
1D
330 Ω
2D
1.5 kΩ
Must Turn-Off Voltage
1 VDC
Control Currentt
ORDERING INFORMATION
CHARACTERISTICS
Dielectric Strength
 
4000 VAC, 50 Hz/60 Hz, 1 min. (Input to Output)
2500 VAC, 50 Hz/60 Hz, 1 min.
(Input, Output to Output)
Insulation Resistance 
1000 MΩ at 500 VDC
Operating Temperture
- 30°C to 80°C
Storage Temperature
- 30°C to 100°C
Weight
Approximately 83 g
Example:
PCS28
-12D
-240A
-2
Z
Model: PCS28
Control Voltage: 12D: 9.6-14.4 VDC;
24D: 19.2– 28.8 VAC
Load Voltage: 240A: 48 - 280 VAC; 380A: 48 - 440 VAC
Load Current: 25: 25 A; 40: 40 A; 50: 50 A
Switching Type: Z: Zero Crossing; R: Random Turn-On
Box Quantity: 80; Inner Box 2
PRECAUTIONS
1. Make sure that the polarity is correct when connecting, to avoid damage to the relay.
2. Apply heat-conducting silicon grease or a thermal transfer pad on the space between SSR and heat sink. Then, screw the heatsink firmly. In that
case, it would keep the SSR from damaging by overheat.
3. Install an adequate heatsink or take other effective cooling measures, when the relay is working. Please refer to the curve of Max. Load Current vs
Ambient Temperature.
4. Please do not use the relay beyond the descriptions in the data sheet.
For Accessories and
Heat Sinks see page 2


Similar Part No. - PCS28

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS280A1 PICKER-PCS280A1 Datasheet
190Kb / 2P
Double SCR Solid State Relay
PCS280A1-1 PICKER-PCS280A1-1 Datasheet
190Kb / 2P
Double SCR Solid State Relay
PCS280A1L PICKER-PCS280A1L Datasheet
190Kb / 2P
Double SCR Solid State Relay
PCS280A2 PICKER-PCS280A2 Datasheet
190Kb / 2P
Double SCR Solid State Relay
PCS280A2-1 PICKER-PCS280A2-1 Datasheet
190Kb / 2P
Double SCR Solid State Relay
More results

Similar Description - PCS28

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SOB863860 CELDUC-SOB863860 Datasheet
877Kb / 9P
Dual Power Solid State Relay
logo
Picker Components
PCS28 PICKER-PCS28_17 Datasheet
794Kb / 3P
Dual Solid State Relay
logo
celduc-relais
SOB544330 CELDUC-SOB544330 Datasheet
589Kb / 6P
Dual Power Solid State Relay
SOB867640 CELDUC-SOB867640 Datasheet
983Kb / 9P
Dual Power Solid State Relay
SOB942360 CELDUC-SOB942360 Datasheet
974Kb / 9P
Dual Power Solid State Relay
SOB943360 CELDUC-SOB943360 Datasheet
961Kb / 9P
Dual Power Solid State Relay
SOB945360 CELDUC-SOB945360 Datasheet
990Kb / 9P
Dual Power Solid State Relay
SOB965160 CELDUC-SOB965160 Datasheet
975Kb / 9P
Dual Power Solid State Relay
SOBR965560 CELDUC-SOBR965560 Datasheet
1Mb / 7P
Dual Power Solid State Relay
SOBR965660 CELDUC-SOBR965660 Datasheet
1Mb / 7P
Dual Power Solid State Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com