Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS28 Datasheet(PDF) 2 Page - Picker Components

Part # PCS28
Description  Dual Solid State Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS28 Datasheet(HTML) 2 Page - Picker Components

  PCS28 Datasheet HTML 1Page - Picker Components PCS28 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS28 Rev A 8//4/15
2 of 2
PCS28
PCS28
CHARACTERISTIC CURVES
DIMENSIONS (mm)
ACCESSORIES
Heat Transfer Pad
- HTP SSR 33x57 or HTP SRR 46x62
Heat Sinks
-PCH-I-50 for the 30 VDC/50 Amp and 200 VDC/10 Amp Applications
-PCH-H-110 for the 400 VDC/10 Amp, 150 VDC/50 Amp, 100 VDC/20 Amp, 50 VDC/40 Amp and 30 VDC/100 Amp Application
-PCH-H-150 for the 50 VDC/80 Amp, 100 VDC/40 Amp, 200 VDC/40 Amp Application



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com