Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS32 Datasheet(PDF) 1 Page - Picker Components

Part # PCS32
Description  DC Output Solid State Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS32 Datasheet(HTML) 1 Page - Picker Components

  PCS32 Datasheet HTML 1Page - Picker Components PCS32 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS32 (100 mA DC Output) Rev A 8/5/15
1 of 2
 DC Output Solid State Relay
PCS32 (100 mA DC Output)
OUTPUT PARAMETERS (Ta = 25°C)
Load Voltage Range
Block Voltage
58 VDC
Load Current
100 mA
Max. On-State Voltage Drop
1.2 VDC
Max. Turn-On Time
100us
Max. Turn-Off Time
1,000 us
Max. Off-State Leakage Current
200 uA
3 - 57.6 VDC
FEATURES
• Small Dimension for High Packing Density PCB Assembly or
Socket Mount
• 2,500 VRMS Opto-Isolation Between Input and Output
• TTL and CMOS compatible
• For Interface Application Between PLC and External Loads
• RoHS Compliant
E93379 
INPUT PARAMETERS (Ta = 25°C)
Control Voltage Range
5
4 - 6 VDC
12
9.6 - 14.4 VDC
24
19.2 - 28.8 VDC
60
48 - 72 VDC
Must Turn-On Voltage
5
4 VAC
12
9.6 VAC
24
19.2 VAC
60
48 VDC
5
1 VDC
12
3 VDC
24
10 VDC
60
20 VDC
Max. Input Current
5
15 mA
12
15 mA
24
10 mA
60
5 mA
Must Turn-Off Voltage
CHARACTERISTICS
Dielectric Strength
 
2,500 VAC, 1 min. Input to Output
Insulation Resistance 
1,000 MΩ at 500 VDC (Input to Output)
Vibration Resistance 
10 Hz - 55 Hz 1.5 mmm DA
Recommended Soldering
Temperature
260°C, 10 s or 350°C, 5 s
ORDERING INFORMATION
Example:
PCS32
-12D
-48A
-T1
Model: PCS32 100 mA DC Output
Control Voltage: 5D: 5 VDC; 12D: 12 VDC;
24D: 24 VDC; 60D: 60 VDC
Load Voltage: 48D: 48 VDC
Load Current: T1: 100 mA
RC Snubbber: Nil: Without RC Snubber
Box Quantity: 2000; Inner Box 100
Operating Temperature
- 30°C to 80°C
Storage Temperature
- 30°C to 100°C
Relative Humidity
45% - 85%
Weight
4g
Shock Resistance
Acceleration 980 m/s2, Continuous Surge 6 ms


Similar Part No. - PCS32

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS32-AC PICKER-PCS32-AC Datasheet
1Mb / 3P
AC Output Solid State Relay
PCS32 PICKER-PCS32_17 Datasheet
1Mb / 3P
DC Output Solid State Relay
More results

Similar Description - PCS32

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SGD15100 CELDUC-SGD15100 Datasheet
120Kb / 3P
DC SOLID STATE RELAY
logo
Picker Components
PCD32 PICKER-PCD32 Datasheet
342Kb / 3P
DC Output Solid State Relay
logo
Solid State Optronic
SMA4122 SSOUSA-SMA4122 Datasheet
222Kb / 6P
DC MOSFET Output Solid State Relay
logo
Picker Components
PCS27-DC PICKER-PCS27-DC Datasheet
241Kb / 2P
DC Output Solid State Relay
PCS32 PICKER-PCS32_17 Datasheet
1Mb / 3P
DC Output Solid State Relay
PCS33 PICKER-PCS33_17 Datasheet
1Mb / 3P
Solid State Relay?봎OSFET DC Voltage Output
PCS52 PICKER-PCS52 Datasheet
1Mb / 3P
DC OutPut Compact Solid State Relay
logo
Willow Technologies Ltd
SERIESCD WILLOW-SERIESCD Datasheet
746Kb / 4P
DC Solid-State Relay
logo
celduc-relais
SPD07505 CELDUC-SPD07505 Datasheet
212Kb / 2P
DC Solid State Relay
STD03510 CELDUC-STD03510 Datasheet
184Kb / 2P
DC Solid State Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com