Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS32 Datasheet(PDF) 2 Page - Picker Components

Part # PCS32
Description  DC Output Solid State Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS32 Datasheet(HTML) 2 Page - Picker Components

  PCS32 Datasheet HTML 1Page - Picker Components PCS32 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS32 (100 mA DC Output) Rev A 8/5/15
2 of 2
PRECAUTIONS
PCS32 100 mA DC Output
PCS32 100 mA DC Output
DIMENSIONS (mm)
1.  Soldering must be completed within 10s at 260 °C or less or within 5s at 350 °C or less.   
2.  The SSR case serves to dissipate heat. Install the relays so that they are adequately ventilated. If poor ventilation is unavoid‐
able, the load current  must be reduced. Please refer to the curve of Max. Load current Vs. Ambient Temperature. 
3.  Please do not use the relay beyond the descriptions in the datasheet. 
 
 
PCS32‐XX‐48D‐T1 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com