Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-259 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-259
Description  GaAs SPST Switch DC - 2.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-259 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-259 Datasheet HTML 1Page - Tyco Electronics SW-259 Datasheet HTML 2Page - Tyco Electronics SW-259 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RF1
Q1
Q4
RF2
A
B
Q2
Q3
GaAs SPST Switch
SW-259
V3.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 3 3263 8761
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 3 3263 8769
Fax +44 (1344) 300 020
2
Specifications Subject to Change Without Notice.
Parameter
Absolute Maximum1,2
Max. Input Power
0.05 GHz
+27 dBm
0.5 – 2 GHz
+34 dBm
Control Voltage
+5V, -8.5V
Storage Temperature
-65°C to 150°C
Absolute Maximum Ratings1
1. Operation of this device above any one of these parameters may
cause permanent damage
2. When the RF Input power is applied to a terminated port, the
absolute maximum is +32 dBm.
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
FREQUENCY (GHz)
INSERTION LOSS vs FREQUENCY
Pin No.
Description
1
GND
2
A
3
B
4
GND
5
RF2
6
GND
7
GND
8
RF1
Pin Configuration
Control Inputs
Condition of Switch
A
B
RF STATE
1
0
On
0
1
Off
Truth Table
"0" – 0 – -0.2V @ 20 µA max.
"1" – -5V @ 20µA Typ to -8V @ 600 µA max.
Typical Performance
+25°C
90
80
70
60
50
40
30
20
10
0
0.5
1.0
1.5
2.0
2.5
FREQUENCY (GHz)
ISOLATION vs FREQUENCY
+85°C
+40°C
2.0
1.8
1.6
1.4
1.2
1.0
0
0.5
1.0
1.5
2.0
2.5
FREQUENCY (GHz)
VSWR vs FREQUENCY
Electrical Schematic
Functional Schematic
8
7
6
5
1
4
3
2
RF1 GND
GND
GND
GND RF2
A
B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com