Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-259 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-259
Description  GaAs SPST Switch DC - 2.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-259 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-259 Datasheet HTML 1Page - Tyco Electronics SW-259 Datasheet HTML 2Page - Tyco Electronics SW-259 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SPST Switch
DC - 2.5 GHz
SW-259
V3.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 3 3263 8761
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 3 3263 8769
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
q
q
q
q
q
q
q
Electrical Specifications, T
A = +25°C
Features
Very Low Power Consumption: 50 µW
Low Insertion Loss: 1.0 dB
High Isolation: 35 dB up to 2 GHz
Very High Intercept Point: 46 dBm IP 3
Nanosecond Switching Speed
Temperature Range: -40˚C to + 85˚C
Tape and Reel Packaging Available 1
Description
M/A-COM’s SW-259 is a GaAs MMIC SPST terminated switch
in a low cost SOIC 8-lead surface mount plastic package.
The SW-259 is ideally suited for use where very low power
consumption is required. Typical applications include trans-
mit/receive switching, switch matrices, and filter banks in
systems such as: radio and cellular equipment, PCM, GPS,
fiber optic modules, and other battery powered radio
equipment.
The SW-259 is fabricated with a monolithic GaAs MMIC
using a mature 1-micron process. The process features full
chip passivation for increased performance and reliability.
1. Refer to "Tape and Reel Packaging" Section, or contact factory.
2. All measurements with 0, -5 control voltages at 1 GHz in a 50
Ω system, unless otherwise specified.
SO-8
Model No.
Package
SW-259 PIN
SOIC 8-Lead Plastic
SW-259TR
Forward Tape & Reel
SW-259RTR
Reverse Tape & Reel
Ordering Information
Parameter
Test Conditions
2
Unit
Min.
Typ.
Max
Insertion Loss
DC – 0.1 GHz
dB
0.5
0.6
DC – 0.5 GHz
dB
0.8
1.0
DC – 1.0 GHz
dB
1.0
1.2
DC – 2.0 GHz
dB
1.4
1.6
Isolation
DC – 0.1 GHz
dB
62
65
DC – 0.5 GHz
dB
55
58
DC – 1.0 GHz
dB
45
48
DC – 2.0 GHz
dB
32
35
VSWR On
DC – 2.0 GHz
1.2:1
Off
DC – 2.0 GHz
1.2:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
4
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
nS
8
Transients
In Band
mV
35
One dB
Input Power
0.05 GHz
dBm
18
Compression Point
Input Power
0.5 – 2.0 GHz
dBm
23
2nd Order
Measured Relative
0.05 GHz
dBm
55
Intercept
to Input Power
0.5 – 2.0 GHz
dBm
68
(for two-tone input power up to +5 dBm)
3rd Order
Measured Relative
0.05 GHz
dBm
40
Intercept
to Input Power
0.5 – 2.0 GHz
dBm
46
(for two-tone input power up to +5 dBm)
0
°-8°
.0075-0.0098
(0.19-0.25)
.1890-.1968
(4.80-5.00)
.0099-0.0196
x 45
° Chamfer
(0.25-0.50)
.2284-.2440
(5.80-6.20)
PIN 8
Orientation
mark
PIN 1
8- Lead SOP outline dimensions
Narrow body .150
(All dimensions per JEDEC No. MS-012-AA, Issue C)
Dimensions in ( ) are in mm.
.1497-.1574
(3.80-4.00)
- B -
- A -
.050(1.27) BSC.
.013-.020 TYP.
(0.33-0.51)
.0040-.0098
(0.10-0.25)
- C -
.0532-.0688
(1.35-1.75)
.016-.050
(0.40-1.27)
.010(0.25) M B M
.010(0.25) M C A M B S
Unless Otherwise Noted: .xxx =
± 0.010 (.xx = ± 0.25)
.xx =
± 0.02 (.x = ±0.5)
.004 (0.10)


Similar Part No. - SW-259

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-259 MA-COM-SW-259 Datasheet
97Kb / 4P
GaAs SPST Switch DC - 2.5 GHz
SW-259 MA-COM-SW-259 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
More results

Similar Description - SW-259

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6020G MACOM-MASW6020G Datasheet
104Kb / 2P
GaAs SPST Switch DC-6 GHz
MASWSS0162 MACOM-MASWSS0162 Datasheet
169Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
SW-214-PIN MACOM-SW-214-PIN Datasheet
111Kb / 3P
GaAs SPST Switch, DC - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0162 MA-COM-MASWSS0162 Datasheet
88Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
MASW6020G MA-COM-MASW6020G Datasheet
73Kb / 4P
GaAs SPST Switch DC - 6.0 GHz
SW-214-PIN MA-COM-SW-214-PIN Datasheet
55Kb / 3P
GaAs SPST Switch, DC - 3 GHz
SW-259 MA-COM-SW-259 Datasheet
97Kb / 4P
GaAs SPST Switch DC - 2.5 GHz
MASWSS0162 MA-COM-MASWSS0162 Datasheet
88Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
MASW6020G MA-COM-MASW6020G_15 Datasheet
544Kb / 5P
GaAs SPST Switch DC - 6.0 GHz
MASWSS0162 MA-COM-MASWSS0162_15 Datasheet
571Kb / 4P
GaAs SPST Switch DC - 2.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com