Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-261 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-261
Description  Matched GaAs SP4T Switch 5 - 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-261 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-261 Datasheet HTML 1Page - Tyco Electronics SW-261 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
Matched GaAs SP4T Switch
5 - 2000 MHz
SW-261
V2.00
Features
Low Insertion Loss, 1.0 dB Typical
Fast Switching Speed, 20 ns Typical
Ultra Low DC Power Consumption, 0.3 mA Typical
Integral TTL
Guaranteed Specifications * (From -55°C to +85°C)
Frequency Range
5-2000 MHz
Insertion Loss
5-2000 MHz
2.1 dB Max
5-1000 MHz
1.6 dB Max
5- 500 MHz
1.4 dB Max
VSWR
5-2000 MHz
2.5:1 Max
5-1000 MHz
1.8:1 Max
5- 500 MHz
1.4:1 Max
Isolation
5-2000 MHz
35 dB Min
5-1000 MHz
36 dB Min
5- 500 MHz
42 dB Min
Operating Characteristics
Impedance
50 Ohms Nominal
Switching Characteristics
(TTL)
Trise, Tfall
7 ns Typ
Ton, T off (50% CTL to 90/10%RF)
20 ns Typ
Transients (In-Band)
80 mV Typ
Input Power for 1 dB Compression
500-2000 MHz
+27dBm Typ
50 MHz
+21dBm Typ
Intermodulation Intercept Point
(for two-tone input power up to +13 dBm)
Intercept Points
IP2
IP3
500-2000 MHz
+68
+46
dBm Typ
50MHz
+60
+40
dBm Typ
Bias Power
+5 VDC @ 0.30 mA Typ, 1 mA Max
Environmental
MIL-STD-883 screening available.
* All specifications apply when operated with bias voltages of +5
VDC and 50 ohm impedance at all RF ports.
q
q
q
q
RF1
RF
RF4
RF2
+ 12
3
4 RF3
0.80
(20.32)
0.150
(3.81) TYP
PIN 1
7 EQUAL SPACES
@ 0.100 (2.54)
TOLERANCE
NON-CUMULATIVE
0.325
(8.26)
MIN
ODD
COLORED
BEAD
PIN 16
0.015
± 0.005
(0.38
± .13)
DIA 16 PLACES
0.067
(1.70)
(0.150)
(3.81)
MAX
1.00
(25.40)
FP-17
Dimensions in ( ) are in mm.
Unless Otherwise Noted:.xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)
WEIGHT (APPROX.): 0.21 OUNCES 6 GRAMS
Ordering Information
Model No.
Package
SW-261 PIN
Flatpack


Similar Part No. - SW-261

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-261-PIN MACOM-SW-261-PIN Datasheet
131Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-261-PIN MA-COM-SW-261-PIN Datasheet
49Kb / 3P
Matched GaAs SP4T Switch, 5 - 2000 MHz
More results

Similar Description - SW-261

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-254 MACOM-SW-254 Datasheet
73Kb / 2P
Matched GaAs SP4T Switch 5 - 2000 MHz
SW-255 MACOM-SW-255 Datasheet
81Kb / 2P
GaAs SP4T Switch 5 - 2000 MHz
SW-262 MACOM-SW-262 Datasheet
215Kb / 3P
GaAs SP4T Switch, 5 - 2000 MHz
SW-233-PIN MACOM-SW-233-PIN Datasheet
144Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-241-PIN MACOM-SW-241-PIN Datasheet
142Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-255-PIN MACOM-SW-255-PIN Datasheet
142Kb / 3P
GaAs SP4T Switch, 5 - 2000 MHz
SW-261-PIN MACOM-SW-261-PIN Datasheet
131Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-233-PIN MA-COM-SW-233-PIN Datasheet
61Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-255-PIN MA-COM-SW-255-PIN Datasheet
58Kb / 3P
GaAs SP4T Switch, 5 - 2000 MHz
SW-261-PIN MA-COM-SW-261-PIN Datasheet
49Kb / 3P
Matched GaAs SP4T Switch, 5 - 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com