Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-261 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-261
Description  Matched GaAs SP4T Switch 5 - 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-261 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-261 Datasheet HTML 1Page - Tyco Electronics SW-261 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
2
Specifications Subject to Change Without Notice.
Matched GaAs SP4T Switch
SW-261
V2.00
Typical Performance
2.0
1.5
1.0
0.5
0.0
0.005
0.5
1.0
1.5
2.0
80
70
60
50
40
30
20
0.005
0.5
1.0
1.5
2.0
FREQUENCY (GHz)
2.0
1.8
1.6
1.4
1.2
1.0
0.005
0.5
1.0
1.5
2.0
INSERTION LOSS
ISOLATION
VSWR
Schematic
Truth Table
Control Input
Condition of Switch
“1” = Logic High
RF Common To
Each RF PORT
CTL1 CTL2 CTL3 CTL4
RF1
RF2
RF3
RF4
1
0
0
0
ON
OFF
OFF
OFF
0
1
0
0
OFF
ON
OFF
OFF
0
0
1
0
OFF
OFF
ON
OFF
0
0
0
1
OFF
OFF
OFF
ON
+85°C
+25°C
-55°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com