Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-262 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-262
Description  GaAs SP4T Switch, 5 - 2000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-262 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-262 Datasheet HTML 1Page - Tyco Electronics SW-262 Datasheet HTML 2Page - Tyco Electronics SW-262 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SP4T Switch, 5 - 2000 MHz
SW-262
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Truth Table
Control Input
Condition of Switch
“1” = TTL High
“0” = TTL Low
CTL1 CTL2 CTL3 CTL4
RF1
RF2
RF3
RF4
1
0
0
0
On
Off
Off
Off
0
1
0
0
Off
On
Off
Off
0
0
1
0
Off
Off
On
Off
0
0
0
1
Off
Off
Off
On
RF Common to Each RF
Port
Schematic
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
+Vcc
—
—
V
4.75
5.0
5.25
Logic “0”
Sink Current is 20 µA Max.
CTL1 through CTL4
—
V
0.0
—
0.8
Logic “1”
Source Current is 20 µA Max.
CTL1 through CTL4
—
V
2.0
-
5.0
Icc
4.75 < Vcc < 5.25V
—
mA
—
0.3
1
Electrical Specifications: TA = -55°C to +85°C
1
Absolute Maximum Ratings
2
2. Operation of this device above any one of these parameters
may cause permanent damage.
Parameter
Absolute Maximum
Max Input Power
0.05 GHz
0.5 - 2.0 GHz
+27 dBm
+34 dBm
+Vcc
+7.0V
Logic Values
-0.5 to +Vcc +0.5V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
RF4
GND
GND
GND
GND
GND
RF1
RF
Common
RF3
CTL4
CTL3
CTL2
CTL1
+Vcc
NC
RF2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com