Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-262 Datasheet(PDF) 3 Page - Tyco Electronics

Part # SW-262
Description  GaAs SP4T Switch, 5 - 2000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-262 Datasheet(HTML) 3 Page - Tyco Electronics

  SW-262 Datasheet HTML 1Page - Tyco Electronics SW-262 Datasheet HTML 2Page - Tyco Electronics SW-262 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GaAs SP4T Switch, 5 - 2000 MHz
SW-262
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
3
Typical Performance Curves
Isolation
Insertion Loss
VSWR
Ordering Information
Part Number
Package
SW-262 PIN
FP-17
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
-55°C
+85°C
+25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com