Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-284 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-284
Description  GaAs Matched SP6T Switch DC - 2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-284 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-284 Datasheet HTML 1Page - Tyco Electronics SW-284 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GaAs Matched SP6T Switch
SW-284
Typical Performance
ISOLATION vs. FREQUENCY
0.5
1.0
1.5
2.0
80
70
60
50
40
30
20
0
FREQUENCY (GHz)
VSWR vs. FREQUENCY
2.0
1.8
1.6
1.4
1.2
1.0
0
0.5
1.0
1.5
2.0
FREQUENCY (GHz)
Absolute Maximum Ratings
1. Operation of this device above any one of these parameters may
cause permanent damage.
2. When the RF input power is applied to the terminated port,
the absolute maximum is +32 dBm.
Parameter
Absolute Maximum1
Max. Input Power
0.05 GHz
+27 dBm
0.5 – 2.0 GHz2
+34 dBm
Bias Voltage
+5V Supply
-0.5 to +7V
-5V Supply
-7V to + 0.5V
Control Voltage
-0.5 to Vcc + 0.5V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
2.0
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
INSERTION LOSS vs. FREQUENCY
FREQUENCY (GHz)
Control Input
Condition of Switch
A2
A1
A0
RF Common to
0
0
1
RF1
0
1
0
RF2
0
1
1
RF3
1
0
0
RF4
1
0
1
RF5
1
1
0
RF6
Truth Table
INSERTION LOSS VS FREQUENCY
VSWR VS FREQUENCY
ISOLATION VS FREQUENCY
Typical Performance
Absolute Maximum Ratings
Truth Table
V.3.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel.
+44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
2
Specifications Subject to Change Without Notice.
+27 dBm
+34 dBm
-0.5 to VCC + 0.5V
FREQUENCY (GHz)
-55°C to +125°C
-65°C to +150°C
-0.5 to +7V
-7V to +0.5V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com