Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-284 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-284
Description  GaAs Matched SP6T Switch DC - 2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-284 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-284 Datasheet HTML 1Page - Tyco Electronics SW-284 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GaAs Matched SP6T Switch
DC - 2 GHz
SW-284
+5VDC
A0
A1
A2
RF6
RF5
RF4
RF3
RF2
RF1
RF Common
-5VDC
Pin Identifier
Functional Schematic (Top View)
0.300 MIN TYP (7.62)
0.150 MAX
0.015 ±.004 12 Places
0.75 Sq
(19.0)
0.125 (3.18)
.010 ±.003 12 Places
.065 TYP (1.65)
0.500 (12.70)
0.450 (11.43)
0.400 (10.16)
0.300 (7.62)
0.075 (1.90)
0.100
5 Places (2.54)
(0.38 ± 0.10)
(3.81)
(0.25 ± 0.08)
0.600 (15.24)
Bottom of Case is AC Ground
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ± 0.010 (.xx = ± 0.25)
.xx = ± 0.02 (.x = ± 0.5)
Operating Characteristics
Impedance
50 Ohms Nominal
Switching Characteristics
Trise, Tfall (10% to 90% RF)
3.0 ns Typ
Ton, Toff (50% CTL to 90%/10% RF)
180 ns Typ
Transients (In-Band)
150 mV Typ
Input Power for 1 dB Compression
0.5 – 2.0 GHz
23 dBm Typ
0.05 GHz
21 dBm Typ
Intermodulation Intercept Point (for two-tone input power up to +5 dBm)
Intercept Points
IP2
IP3
0.5 – 2.0 GHz
+60
+45
dBm Typ
0.05 GHz
+53
+35
dBm Typ
Bias Power
-5 VDC @ 2 mA Max
+5 VDC @ 1 mA Max
Control Voltages
Vin Low (0)
0.0 to 1.5V @ 1 µA Max
Vin Hi (1)
3.5 to 5.0V @ 1 µA Max
1. All specifications apply with 50 ohm impedance connected to all RF ports, with
-5 and +5 VDC bias voltages.
2. Contact the factory for standard or custom screening requirements.
Guaranteed Specifications1 (From -55°C to +85°C)
Frequency Range
DC - 2.0 GHz
Insertion Loss
DC – 2.0 GHz
2.8 dB Max
DC – 1.0 GHz
2.0 dB Max
VSWR
DC – 2.0 GHz
.9:1 Max
(RF Common)
DC – 1.0 GHz
1.3:1 Max
VSWR
DC – 2.0 GHz
1.7:1 Max
(RF1-RF6 On)
DC – 1.0 GHz
1.3:1 Max
VSWR
DC – 2.0 GHz
1.3:1 Max
(RF1-RF6 Terminated)
DC – 1.0 GHz
1.3:1 Max
Isolation
DC – 2.0 GHz
28 dB Min
DC – 1.0 GHz
33 dB Min
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel.
+44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V3.00
Ordering Information
Model No.
Package
SW-284 PIN
Flatpack
Features
Low DC Power Consumption
Integral CMOS Decoder/Driver
q
q
Guaranteed Specifications1
(From -55°C to +85°C)
FP-27


Similar Part No. - SW-284

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-284-PIN MACOM-SW-284-PIN Datasheet
152Kb / 3P
GaAs Matched SP6T Switch, DC- 2GHz
logo
M/A-COM Technology Solu...
SW-284-PIN MA-COM-SW-284-PIN Datasheet
59Kb / 3P
GaAs Matched SP6T Switch DC - 2 GHz
More results

Similar Description - SW-284

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-415 MACOM-SW-415 Datasheet
22Kb / 2P
Matched GaAs SP4T Switch DC - 2 GHz
logo
Hittite Microwave Corpo...
HMC172QS24 HITTITE-HMC172QS24 Datasheet
88Kb / 4P
GaAS MMIC SP6T SWITCH DC TO 2.5 GHz
logo
Tyco Electronics
MASWCC0009 MACOM-MASWCC0009 Datasheet
327Kb / 1P
GaAs SP6T Switch, Absorptive, Single Supply DC - 3.0 GHz
SW90-0004A MACOM-SW90-0004A Datasheet
178Kb / 4P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
SW-209 MACOM-SW-209 Datasheet
101Kb / 2P
Matched GaAs SPST Switch DC - 3 GHz
SW-284-PIN MACOM-SW-284-PIN Datasheet
152Kb / 3P
GaAs Matched SP6T Switch, DC- 2GHz
logo
M/A-COM Technology Solu...
SW-284-PIN MA-COM-SW-284-PIN Datasheet
59Kb / 3P
GaAs Matched SP6T Switch DC - 2 GHz
SW-415-PIN MA-COM-SW-415-PIN Datasheet
48Kb / 3P
Matched GaAs SP4T Switch, DC - 2 GHz
logo
Hittite Microwave Corpo...
HMC172QS24 HITTITE-HMC172QS24_01 Datasheet
213Kb / 6P
GaAs MMIC SP6T SWITCH DC - 2.5 GHz
HMC252QS24 HITTITE-HMC252QS24_08 Datasheet
173Kb / 4P
GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com