Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-312 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-312
Description  GaAs SPDT Reflective Switch, DC - 3 GHz with TTL/CMOS Control Input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-312 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-312 Datasheet HTML 1Page - Tyco Electronics SW-312 Datasheet HTML 2Page - Tyco Electronics SW-312 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SPDT Reflective Switch, DC - 3 GHz with TTL/CMOS Control Input
SW-312
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Pin Configuration
Pin No.
Function
Pin No.
Function
1
Vee
9
RFC
2
GND
10
GND
3
GND
11
GND
4
GND
12
RF1
5
RF2
13
GND
6
GND
14
GND
7
GND
15
Vcc
8
GND
16
C1
Absolute Maximum Ratings
3
3. Operation of this device above any one of these parameters
may cause permanent damage.
4. Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Parameter
Absolute Maximum
Max Input Power
50 MHz
500 - 2000 MHz
+27 dBm
+34 dBm
Supply Voltages
Vcc
Vee
+5.5V
-8.5V
Control Voltage
4
-0.5V, to Vcc +0.5V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
Truth Table
Condition of Switch
RF Common to Each RF Port
RF1
RF2
LO
On
Off
HIGH
Off
On
Control
Input
Pin Configuration (Top View)
RFC
GND
GND
RF1
GND
GND
GND
GND
GND
RF2
GND
GND
GND Orientation Mark
Vee
Vcc
C1
Electrical Specifications (From –55°C to +85°C)
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Vcc
+5.0V ± 10%
—
mA
—
—
1
Vee
-5.0V to -8.0V
—
mA
—
—
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com