Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-312 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-312
Description  GaAs SPDT Reflective Switch, DC - 3 GHz with TTL/CMOS Control Input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-312 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-312 Datasheet HTML 1Page - Tyco Electronics SW-312 Datasheet HTML 2Page - Tyco Electronics SW-312 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SPDT Reflective Switch, DC - 3
GHz with TTL/CMOS Control Input
CR-9
V 3.00
Features
n
Integral TTL Driver
n
Ultra Low Power Consumption
n
Fast Switching Speed: 7 ns Typical
n
Surface Mount Package
n
50 Ohm Nominal Impedance
n
MIL-STD-883 Screening Available
Description
M/A-COM’s SW-312 is a GaAs FET SPDT reflective
switch with integral silicon ASIC driver. Packaged in a
16-lead ceramic surface mount package, this device
offers excellent performance and repeatability from DC
to 3 GHz while maintaining low power consumption.
The SW-312 is ideally suited for use where fast speed,
low power consumption and broadband applications are
required. MIL-STD-883 screening available.
Electrical Specifications
1,2
(From –55°C to +85°C)
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
—
DC - 3000 MHz
DC - 2000 MHz
DC - 1000 MHz
DC - 500 MHz
dB
dB
dB
dB
—
—
—
—
—
—
—
—
1.2
1.1
0.9
0.8
VSWR
—
DC - 3000 MHz
DC - 2000 MHz
DC - 1000 MHz
DC - 500 MHz
Ratio
Ratio
Ratio
Ratio
—
—
—
—
—
—
—
—
1.5:1
1.4:1
1.4:1
1.3:1
Isolation
—
DC - 3000 MHz
DC - 2000 MHz
DC - 1000 MHz
DC - 500 MHz
dB
dB
dB
dB
30
35
40
45
—
—
—
—
—
—
—
—
Trise, Tfall
10% to 90%
—
ns
—
7
—
Ton, Toff
1.3V CTL to 90% / 10%
—
ns
—
18
—
Transients
In-Band
—
mV
—
25
—
1 dB Compression
Input Power
0.05 GHz
0.5 GHz to 3 GHz
dBm
dBm
—
—
+25
+30
—
—
IP2
Two-Tone Input Power up to +5 dBm
0.05 GHz
0.5 GHz to 3 GHz
dBm
dBm
—
—
+60
+65
—
—
IP3
Two-Tone Input Power up to +5 dBm
0.05 GHz
0.5 GHz to 3 GHz
dBm
dBm
—
—
+40
+46
—
—
Vin Low
0V to 0.8V
—
µA
—
—
1
Vin High
2.0V to 5.0V
—
µA
—
—
1
1. All specifications apply when operated with bias voltages of +5V for Vcc and –5V for Vee.
2. When DC blocks are used, a 10K ohm return to GND is required on the RFC port.


Similar Part No. - SW-312

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-312 MA-COM-SW-312 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
List of Unclassifed Man...
SW-312 ETC2-SW-312 Datasheet
341Kb / 3P
PRINTED CIRCUIT TRANSFORMERS
SW-312 ETC1-SW-312 Datasheet
35Kb / 2P
Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
logo
Tyco Electronics
SW-312-PIN MACOM-SW-312-PIN Datasheet
176Kb / 4P
GaAs SPDT Reflective Switch, DC - 3.0 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW-312-PIN MA-COM-SW-312-PIN Datasheet
105Kb / 4P
GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
More results

Similar Description - SW-312

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-110 MACOM-SW-110 Datasheet
211Kb / 2P
GaAs SPDT Reflective Switch DC-3 GHz with TTL/CMOS Control Input
SW-313 MACOM-SW-313 Datasheet
220Kb / 3P
Matched GaAs SPDT Switch, DC - 3 GHz with TTL/CMOS Control Input
SW10-0312 MACOM-SW10-0312 Datasheet
221Kb / 3P
GaAs SPDT Reflective Switch, DC - 3 GHz with TTL/CMOS Control Input
SW10-0313 MACOM-SW10-0313 Datasheet
222Kb / 3P
Matched GaAs SPDT Switch, DC - 3 GHz with TTL/CMOS Control Input
SW-110-PIN MACOM-SW-110-PIN Datasheet
192Kb / 5P
GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC - 3.0 GHz
SW-311-PIN MACOM-SW-311-PIN Datasheet
173Kb / 4P
Matched GaAs SPDT Switch, DC - 3.0 GHz with TTL/CMOS Control Input
SW-312-PIN MACOM-SW-312-PIN Datasheet
176Kb / 4P
GaAs SPDT Reflective Switch, DC - 3.0 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW10-0312 MA-COM-SW10-0312 Datasheet
107Kb / 4P
GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW-110-PIN MA-COM-SW-110-PIN Datasheet
117Kb / 5P
GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC-3.0 GHz
SW-312-PIN MA-COM-SW-312-PIN Datasheet
105Kb / 4P
GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com