Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U5A6CD Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # U5A6CD
Description  ULTRA FAST RECOVERY RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

U5A6CD Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  U5A6CD Datasheet HTML 1Page - KEC(Korea Electronics) U5A6CD Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2012. 5. 8
2/3
U5A6CD
Revision No : 1
IR - VR
REVERSE VOLTAGE VR (V)
I
- V
F
F
F
FORWARD VOLTAGE V (V)
0.1
10
1
0
0.5
1
1.5
2
Ta=125 C
Ta=75 C
100
10
1
0.1
0.01
0.001
0
200
400
600
100
300
500
Ta=150C
Ta=125C
Ta=75C
Ta=25C
Ta=25 C
Ta=150 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com