Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U5A6CD Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # U5A6CD
Description  ULTRA FAST RECOVERY RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

U5A6CD Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  U5A6CD Datasheet HTML 1Page - KEC(Korea Electronics) U5A6CD Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012. 5. 8
1/3
SEMICONDUCTOR
TECHNICAL DATA
U5A6CD
ULTRA FAST RECOVERY
RECTIFIER DIODE
Revision No : 1
FEATURES
・Ultra-Fast Recovery Time for High Efficiency.
・Low Forward Voltage Drop, High Current Capability,
and Low Power Loss.
APPLICATION
・Switching Power Supply.
・Home Appliances, Office Equipment.
・Telecommunication, Factory Automation.
DPAK (1)
DIM MILLIMETERS
A
A
B
B
C
C
D
D
F
FF
H
G
K
G
J
L
K
L
M
0.96 MAX
0.90 MAX
E
E
M
N
H
0.70 MIN
O
0.1 MAX
N
12
3
6.60
0.20
+
_
6.10 0.20
+
_
5.34
0.30
+
_
0.70 0.20
+
_
2.70
0.15
+
_
2.30 0.10
+
_
1.80 0.20
+
_
0.50
0.10
+
_
2.30 0.10
+
_
0.50 0.10
+
_
J
O
1. N.C
3. ANODE
2. CATHODE
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
2
3
MAXIMUM RATINGS (Ta=25
℃)
POLARITY
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum Reverse Voltage
VRM
600
V
Average Output Rectified Current
(Tc=94
℃)
(Note1)
IO
5
A
Peak One Cycle Surge Forward
Current (Non-Repetitive, tp=10ms)
IFSM
100
A
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55~150
℃
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
VFM
IFM=5A
-
1.3
1.7
V
Reverse Current
IRM
VRM=600V
-
-
30
μA
Reverse Recovery Time
trr
IF=1.0A, VR=30V, di/dt=-50A/㎲
-
24
35
ns
Thermal Resistance
Rth(j-c)
Junction to Case
-
-
6.0
℃/W


Similar Part No. - U5A6CD

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
U5A6CI KEC-U5A6CI Datasheet
351Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
More results

Similar Description - U5A6CD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMXJ-2164S SANKEN-FMXJ-2164S Datasheet
328Kb / 8P
Ultra-Fast-Recovery Rectifier Diode
logo
Unisonic Technologies
BYR79-600 UTC-BYR79-600 Datasheet
140Kb / 3P
ULTRA FAST-RECOVERY RECTIFIER DIODE
logo
KEC(Korea Electronics)
U5A2CIC KEC-U5A2CIC_07 Datasheet
42Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
U10A2CIC KEC-U10A2CIC_07 Datasheet
452Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
U10A4CIC KEC-U10A4CIC_07 Datasheet
446Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
U20A3CIC KEC-U20A3CIC_11 Datasheet
369Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
U20A4CI KEC-U20A4CI Datasheet
370Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
SMAU1G KEC-SMAU1G_07 Datasheet
439Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
U10A6CDC KEC-U10A6CDC Datasheet
349Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
logo
Unisonic Technologies
BYR79 UTC-BYR79 Datasheet
166Kb / 3P
ULTRA FAST-RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com