Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-335 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-335
Description  SPDT Switch with Integral CMOS Driver 800 - 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-335 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-335 Datasheet HTML 1Page - Tyco Electronics SW-335 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 2.0
SW-335
SPDT Switch with Integral CMOS Driver
800 - 2000 MHz
1
Features
Low Cost Plastic SOIC-8 Package
1
Intergral TTL/CMOS Compatible Driver
Matched Input and Output
Low Distortion: > 40 dBm IP3 @ 900 MHz
and > 62 dBm IP2 @ 900 MHz
Low DC Current: < 1.5 mA Typical Per Supply
Description
The SW-335 is a GaAs MMIC matched SPDT with an on-
chip TTL/CMOS driver in a low-cost, SOIC 8-lead plastic
package. The SW-335 is ideally suited for use in
TTL/CMOS environment applications where low power
consumption and small size are required. Typical
applications include switch matrices, filter banks and gen-
eral switching applications, in systems such as celluar,
PCN/PCS, GPS and 900 MHz ISM band applications.
The SW-335 is fabricated with a monolithic GaAs MMIC
using a mature 1-micron process. The process features
full passivation for increased performance and reliability.
q
q
q
q
q
Electrical Specifications, T
A= +25°C, VDD = 5.0 VGG = -5.0 V
SO-8
Part Number
Package
SW-335 PIN
SOIC 8-Lead Plastic
SW-335TR
Forward Tape & Reel
*
SW-335RTR
Reverse Tape & Reel
*
Ordering Information
1. Available in tape and reel packaging.
2.All measurements are in a 50
Ω system.
3.Replaces SW-329.
4.DC blocks required on RF ports.
* If specific reel size is required, consult factory for part
number assignment.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
800-2000 MHz
dB
0.9
1.1
Isolation
800-1000 MHz
dB
35
45
1000-1500 MHz
dB
35
38
1500-2000 MHz
dB
30
32
VSWR
800-1000 MHz
1.2:1
1.3:1
1000-2000 MHz
1.2:1
1.3:1
Trise, Tfall
10%-90% RF, 90% - 10% RF
nS
75
Ton , Toff
50% Control to 90% RF, 50% Control to 10% RF
nS
200
Transient
In-Band
mV
20
1 dB Compression
900 MHz
dBm
29
Input IP3
2-Tone, 10 dBm (13 dBm total)
900 MHz
dBm
40
45
Input IP2
2-Tone, 10 dBm (13 dBm total)
900 MHz
dBm
62
70
Current
VDD @ 5.0 V
mA
1.1
1.5
VGG @ -5.0 V
mA
-0.8
-1.5
VCTL @ 0 V
µA
-5
-10
VCTL @ 5 V
µA
10
20


Similar Part No. - SW-335

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-335 MA-COM-SW-335 Datasheet
116Kb / 3P
SPDT Switch with Integral CMOS Driver 800 - 2000 MHz
SW-335 MA-COM-SW-335 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
More results

Similar Description - SW-335

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-112 MACOM-SW-112 Datasheet
106Kb / 1P
SPDT RF Switch 20 - 2000 MHz
SW-132 MACOM-SW-132 Datasheet
100Kb / 2P
SPDT RF Switch 200 - 2000 MHz
SW-217 MACOM-SW-217 Datasheet
73Kb / 2P
GaAs SPDT Switch 5 - 2000 MHz
SW-112-PIN MACOM-SW-112-PIN Datasheet
135Kb / 3P
SPDT RF Switch, 20 - 2000 MHz
SW-233-PIN MACOM-SW-233-PIN Datasheet
144Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-241-PIN MACOM-SW-241-PIN Datasheet
142Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-261-PIN MACOM-SW-261-PIN Datasheet
131Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-112-PIN MA-COM-SW-112-PIN Datasheet
54Kb / 3P
SPDT RF Switch, 20 - 2000 MHz
SW-233-PIN MA-COM-SW-233-PIN Datasheet
61Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-335 MA-COM-SW-335 Datasheet
116Kb / 3P
SPDT Switch with Integral CMOS Driver 800 - 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com