Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-335 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-335
Description  SPDT Switch with Integral CMOS Driver 800 - 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-335 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-335 Datasheet HTML 1Page - Tyco Electronics SW-335 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 2.0
SPDT Switch with Integral CMOS Driver, 800-2000 MHz
SW-335
2
Parameter
Absolute Maximum
RF Input Power
+31 dBm
Max. Control Voltages
VDD
+6 VDC
VGG
-6 VDC
VCTL Maximum
+6 VDC
VCTL Minimum
-1 VDC
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Control Input
TTL/CMOS
RFC-RF1
RFC-RF2
1
OFF
ON
0
ON
OFF
Absolute Maximum Ratings1
Truth Table
Functional Schematic
1.Operation of this device outside these limits may cause
permanent damage.
ISOLATION vs FREQUENCY OVER TEMPERATURE
Typical Performance
OUTPUT VSWR (“OFF” STATE) vs FREQUENCY
OVER TEMPERATURE
Logic 0 = 0 to 1 V
Logic 1 = 3.5 to 5 V, 10 µA typ.
VDD = 5 ±0.5 V @ < 1.5 mA typ.
VGG = -5 ±0.25 V @ < 1.5 mA
50
45
40
35
30
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FREQUENCY (GHz)
1.2
0.9
0.6
0.3
0.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FREQUENCY (GHz)
INSERTION LOSS vs FREQ. OVER TEMPERATURE
+70°C
+25°C
0°C
1.25
1.20
1.15
1.10
1.05
1.00
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FREQUENCY (GHz)
FREQUENCY (GHz)
OUTPUT VSWR (“ON” STATE) vs FREQUENCY
OVER TEMPERATURE
1.25
1.20
1.15
1.10
1.05
1.00
0.8
1.0
1.2
1.4
1.6
1.8
2.0
INPUT VSWR vs FREQUENCY OVER TEMPERATURE
+70°C
+25°C
0°C
+70°C
+25°C
0°C
+70°C
+25°C
0°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com