Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-369 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-369
Description  GaAs Matched SP4T Switch 0.02-2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-369 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-369 Datasheet HTML 1Page - Tyco Electronics SW-369 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GaAs Matched SP4T Switch
SW-369
Pin Configuration
Pin No.
Description
1
RF1
2
GND
3
GND
4
GND
5
RF Common
6
GND
7
GND
8
GND
9
GND
10
RF4
Pin No.
Description
11
RF2
12
GND
13
GND
14
+5VDC
15
CMOS 2
16
CMOS 1
17
N/C
18
GND
19
GND
20
RF3
Absolute Maximum Ratings
Typical Performance
Parameter
Absolute Maximum
1
Max. Input Power
0.05 GHz
+27 dBm
0.5 – 2.0 GHz2
+34 dBm
Bias Voltage
-0.5 to +7V
Control Voltage
-0.5 to Vcc +0.5V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
1. Operation of this device above any one of these parameters may cause
permanent damage.
2. When the RF input power is applied to the terminated port, the absolute
maximum is +30 dBm.
INSERTION LOSS vs. FREQUENCY
0.0
0.5
1.0
1.5
2.0
2.5
2.0
1.5
1.0
0.5
0.02
FREQUENCY (GHz)
ISOLATION vs. FREQUENCY
30
40
50
60
70
80
2.0
1.5
1.0
0.5
0.02
FREQUENCY (GHz)
VSWR vs. FREQUENCY
FREQUENCY (GHz)
1.0
1.2
1.4
1.6
1.8
2.0
2.0
1.5
1.0
0.5
0.02
ON STATE
OFF STATE
Control Inputs
Condition of Switch
"1" = Logic High (CMOS)
RF Common to Each RF Port
CMOS 1
CMOS 2
RF1
RF2
RF3
RF4
0
0
ON
OFF
OFF
OFF
1
0
OFF
ON
OFF
OFF
0
1
OFF
OFF
ON
OFF
1
1
OFF
OFF
OFF
ON
Truth Table
Specifications Subject to Change Without Notice.
V2.0
M/A-COM Inc.
s
1011 Pawtucket Boulevard, Lowell, MA 01853 USA
s
Telephone: 800-366-2266
INSERTION LOSS VS FREQUENCY
VSWR VS FREQUENCY
ISOLATION VS FREQUENCY



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com