Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-369 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-369
Description  GaAs Matched SP4T Switch 0.02-2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-369 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-369 Datasheet HTML 1Page - Tyco Electronics SW-369 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GaAs Matched SP4T Switch
0.02-2 GHz
SW-369
Guaranteed Specifications1
(From -55°C to +85°C)
Frequency Range
0.02 – 2.0 GHz
Insertion Loss
0.02 – 2.0 GHz
2.8 dB Max
0.02 – 1.0 GHz
2.4 dB Max
0.02 – 0.5 GHz
1.8 dB Max
VSWR
Common,
RF1 – RF4 On
RF1 - RF4 Off
0.2 – 2.0 GHz
2.0:1 Max
2.0:1 Max
0.2 – 1.0 GHz
1.6:1 Max
1.6:1 Max
0.2 – 0.5 GHz
1.5:1 Max
1.5:1 Max
0.1 – 0.2 GHz
1.5:1 Max
1.7:1 Max
0.02 – 0.1 GHz
1.4:1 Max
Not Specified
Isolation
0.02 – 2.0 GHz
40 dB Min
0.02 – 1.0 GHz
45 dB Min
0.02 – 0.5 GHz
50 dB Min
Operating Characteristics
Impedance
50 Ohms Nominal
Switching Characteristics
Trise,Tfall (10% to 90% RF)
8 ns Typ
Ton, Toff (50% CTL to 90/10% RF)
60 ns Typ
Transients (in band)
50 mV Typ
Input Power for 1 dB Compression
0.5 – 2.0 GHz
+23 dBm Typ
0.05 GHz
+17 dBm Typ
Intermodulation Intercept Point (for two-tone input power up to +5 dBm)
Intercept Points
IP2
IP3
0.5 – 2.0 GHz
+72
+44
dBm Typ
0.05 GHz
+50
+40
dBm Typ
Bias Power
+5 VDC
@
2 mA Max
Control Voltages
Vin Low (0)
0.0 to 1.5 V @ 1 µA Max
Vin High (1)
3.5 to 5.0 V @ 1 µA Max
1. All specifications apply with 50 ohm impedance to all RF ports with 0
and +5 Vdc control voltages.
2. Contact the factory for standard or custom screening requirements.
.015 ± .003 x
.010 ± .003 Thk.
20 Places
(0.38 ± 0.08
x 0.25 ± 0.08)
0.625 ± 0.020
(15.88 ± 0.5)
0.625 ± 0.020
(15.88 ± 0.5)
0.270 (6.86)
Min Typ.
0.088
(2.24)
0.450
(11.43)
REF
Pin #1
PIN #11
RF1 RF RF4
RF2
RF3
0.050 TYP
(1.27)
0.150 (3.81) Max
0.070 (1.78)
.xx = ± 0.02 (.x = ± 0.5)
Bottom of case is AC ground.
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ± 0.010 (.xx = ± 0.25)
Features
• Internal CMOS Decoder/Driver
• Low Power Consumption
• Fast Switching Speed, 60 ns Typ
• Very High Intercept Points
FP-26
+5V
RF3
CMOS2
CMOS1
RF1
RF COMMON
RF4
RF2
Functional Schematic (Top View)
Specifications Subject to Change Without Notice.
V2.0
M/A-COM Inc.
s
1011 Pawtucket Boulevard, Lowell, MA 01853 USA
s
Telephone: 800-366-2266
Ordering Information
Model No.
Package
SW-369 PIN
Flatpack


Similar Part No. - SW-369

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-369-PIN MACOM-SW-369-PIN Datasheet
131Kb / 3P
Matched GaAs SP4T Switch, 0.02 - 2 GHz
logo
M/A-COM Technology Solu...
SW-369-PIN MA-COM-SW-369-PIN Datasheet
50Kb / 3P
Matched GaAs SP4T Switch, 0.02 - 2 GHz
More results

Similar Description - SW-369

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-254 MACOM-SW-254 Datasheet
73Kb / 2P
Matched GaAs SP4T Switch 5 - 2000 MHz
SW-261 MACOM-SW-261 Datasheet
95Kb / 2P
Matched GaAs SP4T Switch 5 - 2000 MHz
SW-284 MACOM-SW-284 Datasheet
69Kb / 2P
GaAs Matched SP6T Switch DC - 2 GHz
SW-415 MACOM-SW-415 Datasheet
22Kb / 2P
Matched GaAs SP4T Switch DC - 2 GHz
SW-419 MACOM-SW-419 Datasheet
129Kb / 2P
GaAs SP4T Terminated Switch DC - 2 GHz
SW-369-PIN MACOM-SW-369-PIN Datasheet
131Kb / 3P
Matched GaAs SP4T Switch, 0.02 - 2 GHz
SW-415-PIN MACOM-SW-415-PIN Datasheet
104Kb / 3P
Matched GaAs SP4T Switch, DC - 2GHz
logo
M/A-COM Technology Solu...
SW-284-PIN MA-COM-SW-284-PIN Datasheet
59Kb / 3P
GaAs Matched SP6T Switch DC - 2 GHz
SW-369-PIN MA-COM-SW-369-PIN Datasheet
50Kb / 3P
Matched GaAs SP4T Switch, 0.02 - 2 GHz
SW-415-PIN MA-COM-SW-415-PIN Datasheet
48Kb / 3P
Matched GaAs SP4T Switch, DC - 2 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com