Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-425 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-425
Description  3 Watt Cellular T/R and Antenna Changeover Switch, DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-425 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-425 Datasheet HTML 1Page - Tyco Electronics SW-425 Datasheet HTML 2Page - Tyco Electronics SW-425 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3 Watt Cellular T/R and Antenna Changeover Switch, DC - 3.0 GHz
SW-425
M/A-COM Division of AMP Incorporated
3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
Functional Diagram
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Max. Input Power (0.5 - 3.0 GHz)
3 V Control
5 V Control
+36 dBm
+38 dBm
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may cause
permanent damage.
RF1
GND
RF2
VA
RFC
VB
PIN 1
Truth Table
Mode
(Control)
Control
A
Control
B
RFC - RF1
RFC - RF2
Positive
1
0±0.2V
+2.5 to +8V
+2.5 to +8V
0±0.2V
Off
On
On
Off
Postitive/
Negative
1,2
-Vc±0.2V
+Vc
+Vc
-Vc±0.2V
Off
On
On
Off
Negative
3
0±0.2V
-2.5V to -8V
-2.5V to -8V
0±0.2V
On
Off
Off
On
1. External DC blocking capacitors are required on all RF ports.
39pF capacitors used for positive control voltage.
2. |-V
CTL|, VCTL ≤ 8 V
3. If negative control is used, DC blocking capacitors are not required
on RF Ports.
PIN Configuration
PIN No.
Function
Description
1
RF1
RF in/out
2
GND
RF Ground
3
RF2
RF in/out
4
VB
V Control B
5
RFC
RF COMMON
6
VA
V Control A
Handling Procedures
The following precautions should be observed to avoid damage:
Static Sensitivity
Gallium arsenide Integrated Circuits are ESD sensitive and can
be damaged by static electricity. Proper ESD techniques should
be used when handling these devices.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com