Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-425 Datasheet(PDF) 3 Page - Tyco Electronics

Part # SW-425
Description  3 Watt Cellular T/R and Antenna Changeover Switch, DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-425 Datasheet(HTML) 3 Page - Tyco Electronics

  SW-425 Datasheet HTML 1Page - Tyco Electronics SW-425 Datasheet HTML 2Page - Tyco Electronics SW-425 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 Watt Cellular T/R and Antenna Changeover Switch, DC - 3.0 GHz
SW-425
M/A-COM Division of AMP Incorporated
3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
1
1.1
1.2
1.3
1.4
1.5
0
0.5
1
1.5
2
2.5
3
FREQUENCY (GHz)
85°C
25°C
-40°C
10
15
20
25
30
35
40
45
50
00.5
11.5
22.5
3
FREQUENCY (GHz)
85°C, -40°C, 25°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
00.511.5
2
2.5
3
FREQUENCY (GHz)
85°C
-40°C
25°C
50
55
60
65
70
75
80
85
90
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
VCTL (V)
Pin=28dBm
Pin=33dBm
Pin=31dBm
Pin=30dBm
Pin=29dBm
Pin=34dBm
30
35
40
45
50
55
60
65
70
75
80
85
90
2.533.544.555.566.5
7
7.5
8
VCTL (V)
Pin=28dBm
Pin=33dBm
Pin=31dBm
Pin=30dBm
Pin=29dBm
Pin=34dBm
20
22
24
26
28
30
32
34
36
38
40
2.5
3
3.544.5
55.5
66.577.5
8
VCTL (V)
P0.1dB
P1dB *
*Above VCTL=4V, P1dB is not measurable
due to thermal runaway conditions
Input Compression Point vs. V
CTL at 900 MHz
3
rd Harmonic vs. V
CTL at fO = 900 MHz
Typical Performance Curves
2nd Harmonic vs. V
CTL at fO = 900 MHz
Insertion Loss vs. Frequency and Temperature
Isolation vs. Frequency and Temperature
VSWR vs. Frequency and Temperature



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com