Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-439 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-439
Description  GaAs High Isolation Switch DC - 3.0 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-439 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-439 Datasheet HTML 1Page - Tyco Electronics SW-439 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GaAs High Isolation Switch, DC - 3.0 GHz
SW-439
M/A-COM Division of AMP Incorporated
3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+81 44 844 8296, Fax +81 44 844 8298
3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
The Preliminary Specificatons Data Sheet contains typical specifications which may change prior to the final introduction.
V2.00
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
00.511.5
2
2.5
3
FREQUENCY (GHz)
-40°C
+25°C
+85°C
30
35
40
45
50
55
60
65
70
0
0.5
1
1.5
2
2.5
3
FREQUENCY (GHz)
+25°C
-40°C
+85°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
00.511.5
2
2.5
3
FREQUENCY (GHz)
+85°C
+25°C
-40°C
Typical Performance Curves
Functional Schematic
1
Parameter
Absolute Maximum
Input Power
+30 dBm
Operating Voltage
+8.5 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
1
1.
Exceeding any one or a combination of these limits may cause
permanent damage.
1.
External blocking capacitors are required on all RF ports.
Insertion Loss vs. Frequency Over
Temperature
Isolation vs. Frequency Over Temperature
VSWR vs. Frequency Over Temperature
Mode
(Control)
Control
1
V1
Control
2
V2
RFC - RF1
RFC - RF2
Positive
1
0V
+2.5 to +5V
Off
On
+2.5 to +5V
0V
On
Off
1.
External DC blocking capacitors are required on all RF ports.
2.
Logic 0=0±0.2 Vdc Logic 1 = +2.5 to +5 Vdc
Truth Table
PIN No.
Function
Description
1
V1
Control 1
2
Gnd
Ground
3
RFC
RF Input
4
Gnd
Ground
5
V2
Control 2
6RF2
RF Port 2
7
Gnd
Ground
8
Gnd
Ground
9
Gnd
Ground
10
RF1
RF Port 1
Pin Configuration
Pin 1
V1 Gnd RFC Gnd V2
RF1 Gnd Gnd Gnd RF2
C=39pF
C=39pF
C=39pF
Pin 10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com