Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-439 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-439
Description  GaAs High Isolation Switch DC - 3.0 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-439 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-439 Datasheet HTML 1Page - Tyco Electronics SW-439 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GaAs High Isolation Switch, DC - 3.0 GHz
SW-439
M/A-COM Division of AMP Incorporated
3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+81 44 844 8296, Fax +81 44 844 8298
3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
The Preliminary Specificatons Data Sheet contains typical specifications which may change prior to the final introduction.
V2.00
Features
• Low Power Consumption: < 15 µA @ +2.5V
• High Isolation: 50 dB Typical @ 2 GHz
• Low Insertion Loss: < 0.8 dB @ 2 GHz
• Positive 2.5 to 5 V Control
• Low Cost Plastic MSOP-10 Package
MSOP-10
Electrical Specifications: T
A = +25°C
GaAs High Isolation Switch
DC - 3.0 GHz
SW-439
Description
M/A-COM’s SW-439 is a GaAs MMIC SPDT switch in a low
cost MSOP-10 surface mount plastic package. This part is ideal
for high isolation, broadband switching requirements. Typical
applications include synthesizer switching, transmit/receive
switching, switch matrices and filter banks in systems such as
radio and cellular equipment, PCM, GPS, and fiber optic mod-
ules
The SW-439 is fabricated as a monolithic GaAs MMIC using a
mature 1 micron process. The process features full passivation
Ordering Information
Part Number
Package
SW-439 PIN
MSOP 10-Lead Plastic Package
SW-439TR
Tape and Reel
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 1.0 GHz
dB
0.55
0.65
1.0 - 2.0 GHz
dB
0.65
0.75
2.0 - 3.0 GHz
dB
0.80
0.90
Isolation
DC - 2.0 GHz
dB
45
47
2.0 - 3.0 GHz
dB
31
33
VSWR
0.25 - 3.0 GHz
1.2:1
1.3:1
P
1dB (2.5V supply)
500 MHz - 2.0 GHz
dBm
20
P
1dB (5V supply)
500 MHz - 2.0 GHz
dBm
28
IP
2
2 Tone 900 MHz, 5 MHz Spacing (2.5 V)
dBm
85
IP
3
2 Tone 900 MHz, 5 MHz Spacing (2.5 V)
dBm
50
T
on, Toff
50% Control to 90% RF, Control to 10% RF
ns
20
T
rise, Tfall
10% to 90% RF, 90% to 10% RF
ns
10
Transients
In-band
mV
15
Gate Leakage
|V
CTL| = 2.5 V
µA
5
15
.0197
BSC.
.1142 - .1220
.1929
BSC
.1142 - .1220
.0059 - .0118
.0020 - .0059
.0433
MAX


Similar Part No. - SW-439

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-439 MA-COM-SW-439 Datasheet
77Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
SW-439 MA-COM-SW-439 Datasheet
97Kb / 3P
GaAs High Isolation Switch
SW-439 MA-COM-SW-439 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
SW-439SMB MA-COM-SW-439SMB Datasheet
77Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
SW-439SMB MA-COM-SW-439SMB Datasheet
97Kb / 3P
GaAs High Isolation Switch
More results

Similar Description - SW-439

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS176-59 ALPHA-AS176-59 Datasheet
61Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-3.0 GHz
AS177-86 ALPHA-AS177-86 Datasheet
50Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-3.0 GHz
logo
Tyco Electronics
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
MASWSS0192 MACOM-MASWSS0192 Datasheet
204Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0115 MACOM-MASWSS0115 Datasheet
123Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0169 MACOM-MASWSS0169 Datasheet
180Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0169 MA-COM-MASWSS0169 Datasheet
78Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
SW-439 MA-COM-SW-439 Datasheet
77Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
MASWSS0169-V3 MA-COM-MASWSS0169-V3 Datasheet
101Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com