Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-475 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-475
Description  SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-475 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-475 Datasheet HTML 1Page - Tyco Electronics SW-475 Datasheet HTML 2Page - Tyco Electronics SW-475 Datasheet HTML 3Page - Tyco Electronics SW-475 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPDT High Isolation, Terminated Switch, 0.5 - 3.0 GHz
SW-475
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 1.00
2
Electrical Specifications: TA = 25 °C, VCTL = 0, 5.0 V (unless otherwise specified)
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
0.5- 1 GHz
dB
0.6
0.7
1.0 - 2.0 GHz
dB
0.7
0.8
2.0 - 3.0 GHz
dB
0.75
0.9
Isolation
0.5 - 1 GHz
dB
51
54
1.0 - 2.0 GHz
dB
48
52
2.0 - 3.0 GHz
dB
45
50
Return Loss
0.5 - 1 GHz
dB
15
20
1.0 - 2.0 GHz
dB
15
20
2.0 - 3.0 GHz
dB
15
20
Input IP2
2-Tone 900 MHz, 5 MHz spacing (VC = 5.0 V)
dBm
83
Input IP3
2-Tone 900 MHz, 5 MHz spacing (VC = 5.0 V)
dBm
43
TRISE, TFALL
10% to 90% RF & 90% to 10% RF
nS
24
TON, TOFF
50% of V C to 10 % / 90% RF
nS
15
Transients
VC = 5.0 V square wave, in-band
mV
12
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Max Input Power (0.5 - 3.0 GHz)
3 V Control
+30 dBm
5 V Control
+33 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
1. Exceeding any one or combination of these limits may cause
permanent damage.
1. DC blocking capacitors requires on all RF ports.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com