Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-475 Datasheet(PDF) 4 Page - Tyco Electronics

Part # SW-475
Description  SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-475 Datasheet(HTML) 4 Page - Tyco Electronics

  SW-475 Datasheet HTML 1Page - Tyco Electronics SW-475 Datasheet HTML 2Page - Tyco Electronics SW-475 Datasheet HTML 3Page - Tyco Electronics SW-475 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPDT High Isolation, Terminated Switch, 0.5 - 3.0 GHz
SW-475
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 1.00
Ordering Information
1. If you need a specific reel size, please consult the factory
for part number.
Part Number
Package
SW-475 PIN
4-mm FQFP-N 16-lead Plastic
Package
SW-475TR
Forward tape and reel1
SW-475TR-3000
3000 tape and reel1
SW-475SMB
Sample board
4
4-mm FQFP-N, 16-Lead (MLP)
Package
Note: See JEDEC MO-220A VGGC for additional dimen-
sional and tolerance information.
Dim
Measurement (mm)
Min.
Nom.
Max.
A
0.80
0.90
1.00
A1
0
0.02
0.05
A2
0.70
0.65
1.00
A3
0.20 ref.
b
0.23
0.28-
0.35
D
-
4.00 basic
-
D1
-
3.75 basic
-
E
-
4.00 basic
-
E1
-
3.75 basic
-
L
0.50 typ.
0.60 typ.
0.75 typ.
D2
0.75
1.70
2.25
e
0.65 basic
E2
0.75
1.70
2.25
E E1
D
D1
1
2
3
16
A
A2
A3
A1
e
4 x e
L
e
4 x e
E2
16 x b
D2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com