Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW90-0002 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW90-0002
Description  GaAs SPDT Switch, Absorptive, Single Supply, DC - 4 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW90-0002 Datasheet(HTML) 2 Page - Tyco Electronics

  SW90-0002 Datasheet HTML 1Page - Tyco Electronics SW90-0002 Datasheet HTML 2Page - Tyco Electronics SW90-0002 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SPDT Switch, Absorptive, Single Supply, DC - 4 GHz
SW90-0002
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Pin Configuration
1,2,3
Pin No.
Function
Pin No.
Function
1
NC
17
NC
2
GND
18
C1
3
RFC
19
NC
4
GND
20
VCC
5
NC
21
NC
6
NC
22
NC
7
GND
23
CP1
8
RF1
24
CP2
9
GND
25
NC
10
NC
26
VEE
11
NC
27
NC
12
VEE
28
NC
13
NC
29
NC
14
VCC
30
GND
15
NC
31
RF2
16
NC
32
GND
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
0.5 - 4.0 GHz
+27 dBm
+34 dBm
Bias Voltages
VCC
Control Voltage
6
+5.5V
-0.5V to VCC +0.5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
Absolute Maximum Ratings
4,5
4. Operation of this device above any one of these
parameters may cause permanent damage.
5. When the RF input is applied to the terminated port, the
absolute maximum power is +30 dBm.
6. Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Recommended PCB Layout
7
Functional Schematic
1. NC = No Connection
2. VEE is internally generated and must remain isolated from
external power supplies.
3. Connections and external components shown in functional
schematic are required. 0.1 µF Capacitors need to be
located near pins 20 & 26.
Truth Table
Control Input
Condition of the Switch
C1
RF1
RF2
0
Off
On
1
On
Off
RF Common to each RF Port
“0” = TTL Low
“1” = TTL High
7. Application Note C2083 is available on line at
www.macom.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com