Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW90-0002 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW90-0002
Description  GaAs SPDT Switch, Absorptive, Single Supply, DC - 4 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW90-0002 Datasheet(HTML) 1 Page - Tyco Electronics

  SW90-0002 Datasheet HTML 1Page - Tyco Electronics SW90-0002 Datasheet HTML 2Page - Tyco Electronics SW90-0002 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SPDT Switch, Absorptive,
Single Supply, DC - 4 GHz
CSP-1
V 3.00
Electrical Specifications: TA = 25°C
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Insertion Loss
RFC—RF1,RF2
(Logic per truth table)
DC - 4.0 GHz
dB
—
—
1.8
Isolation
RF1—RF2 (All Logic “0”)
DC - 4.0 GHz
dB
30
—
—
VSWR
On (RFC,RF1, RF2)
(Logic per truth table)
DC - 4.0 GHz
Ratio
—
—
2.0:1
VSWR
Off (RF1, RF2)
(Logic per truth table)
DC - 4.0 GHz
Ratio
—
—
1.8:1
1 dB Compression
—
—
50 MHz
0.5 - 4.0 GHz
dBm
dBm
—
—
18
29
—
—
Input IP3
Two-tone inputs up to +5 dBm
50 MHz
0.5 - 4.0 GHz
dBm
dBm
—
—
36
46
—
—
Switching Speed
Ton (50% Control to 10% RF)
nS
—
31
—
Toff (50% Control to 90% RF)
nS
—
19
—
Trise (10% to 90% RF)
nS
—
6
—
Tfall (90% to 10% RF)
nS
—
2
—
Vcc
—
—
V
4.5
5.0
5.5
Logic “0”
Sink Current is 20 µA max.
—
V
0.0
—
0.8
Logic “1”
Source Current is 20 µA max.
—
V
2.0
—
5.0
Icc
Vcc min to max, Logic “0” or “1”
—
mA
—
5
8
Features
n
Operates DC - 4 GHz on Single Supply
n
ASIC TTL / CMOS Driver
n
Leadless 4 x 6 mm Chip Scale Plastic Package
n
Low DC Power Consumption
n
50 Ohm Nominal Impedance
n
Test Boards are Available
n
Tape and Reel are Available
Description
M/A-COM's SW90-0002 is a SPDT absorptive pHEMT
switch with integral TTL driver. This device is in an MLP
plastic surface mount package. This switch offers excellent
broadband performance and repeatability from DC to 4
GHz, while maintaining low DC power dissipation. The
SW90-0002 is ideally suited for wireless infrastructure
applications.


Similar Part No. - SW90-0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW90-0001 MACOM-SW90-0001 Datasheet
236Kb / 3P
GaAs SPST Switch, Absorptive, Single Supply, DC - 4 GHz
logo
M/A-COM Technology Solu...
SW90-0001 MA-COM-SW90-0001 Datasheet
152Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
Tyco Electronics
SW90-0001-TB MACOM-SW90-0001-TB Datasheet
236Kb / 3P
GaAs SPST Switch, Absorptive, Single Supply, DC - 4 GHz
logo
M/A-COM Technology Solu...
SW90-0001-TB MA-COM-SW90-0001-TB Datasheet
152Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
Tyco Electronics
SW90-0001TR MACOM-SW90-0001TR Datasheet
236Kb / 3P
GaAs SPST Switch, Absorptive, Single Supply, DC - 4 GHz
More results

Similar Description - SW90-0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW90-0001 MACOM-SW90-0001 Datasheet
236Kb / 3P
GaAs SPST Switch, Absorptive, Single Supply, DC - 4 GHz
SW90-0003 MACOM-SW90-0003 Datasheet
240Kb / 3P
GaAs SP4T Switch, Absorptive, Single Supply, DC - 4 GHz
SW90-0004 MACOM-SW90-0004 Datasheet
251Kb / 4P
GaAs SP6T Switch, Absorptive, Single Supply, DC - 4 GHz
logo
Filtronic Compound Semi...
FMS2013 FILTRONIC-FMS2013 Datasheet
197Kb / 5P
SPDT GaAs High Isolation Absorptive Switch DC-4 GHz
logo
Tyco Electronics
MASW-007071-000100 MACOM-MASW-007071-000100 Datasheet
268Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASWCC0009 MACOM-MASWCC0009 Datasheet
327Kb / 1P
GaAs SP6T Switch, Absorptive, Single Supply DC - 3.0 GHz
SW90-0004A MACOM-SW90-0004A Datasheet
178Kb / 4P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
logo
M/A-COM Technology Solu...
SW65-0440 MA-COM-SW65-0440 Datasheet
180Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
MASW-007071-000100 MA-COM-MASW-007071-000100 Datasheet
157Kb / 5P
GaAs SPDT Switch, Absorptive, Single Supply, DC-4.0 GHz
MASW-007071-000100 MA-COM-MASW-007071-000100_15 Datasheet
808Kb / 6P
GaAs SPDT Switch, Absorptive Single Supply, DC-4.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com