Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PYA28C010-20FSMB Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # PYA28C010-20FSMB
Description  Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28C010-20FSMB Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  PYA28C010-20FSMB Datasheet HTML 1Page - Pyramid Semiconductor Corporation PYA28C010-20FSMB Datasheet HTML 2Page - Pyramid Semiconductor Corporation PYA28C010-20FSMB Datasheet HTML 3Page - Pyramid Semiconductor Corporation PYA28C010-20FSMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation PYA28C010-20FSMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation PYA28C010-20FSMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYA28C010-20FSMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28C010-20FSMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28C010-20FSMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PYA28C010 - 128K x 8 EEPROM
Page 5
Document # EEPROM103 REV 03
Sym Parameter
-120
-150
-200
-250
Unit
Min
Max
Min
Max
Min
Max
Min
Max
t
AVAV
Read Cycle Time
120
150
200
250
ns
t
AVQV
Address Access Time
120
150
200
250
ns
t
ELQV
Chip Enable Access Time
120
150
200
250
ns
t
OLQV
Output Enable Access Time
50
50
50
50
ns
t
ELQx
Chip Enable to Output in Low Z
0
0
0
0
ns
t
EHQZ
Chip Disable to to Output in High Z
50
50
50
50
ns
t
OLQx
Output Enable to Output in Low Z
0
0
0
0
ns
t
OHQZ
Output Disable to Output in High Z
50
50
50
50
ns
t
AVQx
Output Hold from Address Change
0
0
0
0
ns
AC ELECTRICAL CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
TIMIng WAVEFORM OF READ CYCLE
POWER-UP TIMIng
Symbol
Parameter
Max
Unit
t
PUR
Power-up to Read operation
100
µs
t
PUW
Power-up to Write operation
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com