Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PYA28C010-20FSMB Datasheet(PDF) 6 Page - Pyramid Semiconductor Corporation

Part # PYA28C010-20FSMB
Description  Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28C010-20FSMB Datasheet(HTML) 6 Page - Pyramid Semiconductor Corporation

Back Button PYA28C010-20FSMB Datasheet HTML 2Page - Pyramid Semiconductor Corporation PYA28C010-20FSMB Datasheet HTML 3Page - Pyramid Semiconductor Corporation PYA28C010-20FSMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation PYA28C010-20FSMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation PYA28C010-20FSMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYA28C010-20FSMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28C010-20FSMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28C010-20FSMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation PYA28C010-20FSMB Datasheet HTML 10Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PYA28C010 - 128K x 8 EEPROM
Page 6
Document # EEPROM103 REV 03
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Symbol
Parameter
-120
-150
-200
-250
Unit
Min
Max
Min
Max
Min
Max
Min
Max
t
WHWL1
t
EHEL1
Write Cycle Time
10
10
10
10
ms
t
AVEL
t
AVWL
Address Setup Time
0
0
0
0
ns
t
ELAx
t
WLAx
Address Hold Time
50
50
50
50
ns
t
WLEL
t
ELWL
Write Setup Time
0
0
0
0
ns
t
WHEH
Write Hold Time
0
0
0
0
ns
t
OHEL
t
OHWL
OE Setup Time
10
10
10
10
ns
t
WHOL
OE Hold Time
10
10
10
10
ns
t
ELEH
t
WLWH
WE Pulse Width
100
100
100
100
ns
t
DVEH
t
DVWH
Data Setup Time
50
50
50
50
ns
t
EHDx
t
WHDx
Data Hold Time
0
0
0
0
ns
t
EHEL2
t
WHWL2
Byte Load Cycle Time
0.2
100
0.2
100
0.2
100
0.2
100
µs
t
ELWL
CE Setup Time
1
1
1
1
µs
t
OVHWL
Output Setup Time
1
1
1
1
µs
t
EHWH
CE Hold Time
1
1
1
1
µs
t
WHOH
OE Hold Time
1
1
1
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com