Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C1681-35JM Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C1681-35JM
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1681-35JM Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C1681-35JM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1681-35JM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1681-35JM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1681-35JM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1681-35JM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1681-35JM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1681-35JM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1681-35JM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1681-35JM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
P4C1681, P4C1682
Page 4 of 10
Document # SRAM109 REV A
Notes:
5. WE is HIGH for READ cycle.
6. CE is LOW for READ cycle.
7. ADDRESS must be valid prior to, or coincident with, CE
transition LOW.
-12
-15
-20
-25
-35
Min Max Min Max Min Max Min
Max Min Max
t
RC
Read Cycle Time
12
15
20
25
35
ns
t
AA
Address Access
12
15
20
25
35
ns
Time
t
AC
Chip Enable
12
15
20
25
35
ns
Access Time
t
OH
Output Hold from
2
2
3
3
3
ns
Address Change
t
LZ
Chip Enable to
2
2
3
3
3
ns
Output in Low Z
t
HZ
Chip Disable to
6
7
9
10
15
ns
Output in High Z
t
RCS
ReadCommand
0
0
0
0
0
ns
Setup Time
t
RCH
ReadCommand
0
0
0
0
0
ns
Hold Time
t
PU
Chip Enable to
0
0
0
0
0
ns
Power Up Time
t
PD
Chip Disable to
12
15
20
25
25
ns
Power Down Time
READ CYCLE NO. 1 (ADDRESS controlled)(5, 6)
READ CYCLE NO. 2 (CE
CE
CE
CE
CE controlled)(5, 7)
8. Transition is measured ±200mV from steady state voltage prior to
change, with loading as specified in Figure 1.
9. Read Cycle Time is measured from the last valid address to the first
transitioning address.
Symbol
Parameter
Unit
AC ELECTRICAL CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
1552 Tbl 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com