Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C1681-35JM Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P4C1681-35JM
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1681-35JM Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P4C1681-35JM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1681-35JM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1681-35JM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1681-35JM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1681-35JM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1681-35JM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1681-35JM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1681-35JM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1681-35JM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
P4C1681, P4C1682
Page 3 of 10
Document # SRAM109 REV A
Symbol
Parameter
Test Conditions
Unit
POWERDISSIPATIONCHARACTERISTICS
Over recommended operating temperature and supply voltage(2)
P4C1681
P4C1682
Min
Max
I
CC
Dynamic Operating
V
CC = Max., f = Max.,
Current – 12, 15
Outputs Open
Comm'l
—
130
mA
I
CC
Dynamic Operating
V
CC = Max., f = Max.,
Mil.
—
130
mA
Current – 20, 25, 35
Outputs Open
Comm'l
—
100
mA
I
SB
Standby Power Supply
CE
≥ V
IH,
Current (TTL Input Levels)
V
CC = Max.,
—
35
mA
f = Max., Outputs Open
I
SB1
Standby Power Supply
CE
≥ V
HC,
Current
V
CC = Max.,
—
15
mA
(CMOS Input Levels)
f = 0, Outputs Open,
V
IN ≤ VLC or VIN ≥ VHC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com