Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFH7191PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFH7191PBF
Description  Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH7191PBF Datasheet(HTML) 5 Page - International Rectifier

  IRFH7191PBF_15 Datasheet HTML 1Page - International Rectifier IRFH7191PBF_15 Datasheet HTML 2Page - International Rectifier IRFH7191PBF_15 Datasheet HTML 3Page - International Rectifier IRFH7191PBF_15 Datasheet HTML 4Page - International Rectifier IRFH7191PBF_15 Datasheet HTML 5Page - International Rectifier IRFH7191PBF_15 Datasheet HTML 6Page - International Rectifier IRFH7191PBF_15 Datasheet HTML 7Page - International Rectifier IRFH7191PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
 
IRFH7191PbF
5
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
September 08, 2014
Fig 12. Typical Avalanche Current vs. Pulse Width
Fig 13. On–Resistance vs. Gate Voltage
Fig 14. Maximum Avalanche Energy vs. Drain Current
2
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
ID = 48A
TJ = 25°C
TJ = 125°C
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
ID
TOP
3A
5A
BOTTOM 48A
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
tav (sec)
0.1
1
10
100
1000
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming j = 25°C and
Tstart = 125°C.
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming Tj = 125°C and
Tstart =25°C (Single Pulse)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com