Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2016 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SA2016
Description  Bipolar Transistor (-)50V, (-)7A, Low VCE(sat), (PNP)NPN Single PCP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA2016 Datasheet(HTML) 1 Page - ON Semiconductor

  2SA2016 Datasheet HTML 1Page - ON Semiconductor 2SA2016 Datasheet HTML 2Page - ON Semiconductor 2SA2016 Datasheet HTML 3Page - ON Semiconductor 2SA2016 Datasheet HTML 4Page - ON Semiconductor 2SA2016 Datasheet HTML 5Page - ON Semiconductor 2SA2016 Datasheet HTML 6Page - ON Semiconductor 2SA2016 Datasheet HTML 7Page - ON Semiconductor 2SA2016 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
13013 TKIM/72512 TKIM/62405EA MSIM TB-00001406/52501 TS KT TA-3259 No.6309-1/8
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
2SA2016/2SC5569
Bipolar Transistor
(-)50V, (-)7A, Low VCE(sat), (PNP)NPN Single PCP
Applicaitons
•
Relay drivers, lamp drivers, motor drivers, flash
Features
•
Adoption of FBET and MBIT processes
•
Large current capacity
•
Low collector-to-emitter saturation voltage
•
High-speed switching
•
Ultrasmall package facilitales miniaturization in end products
•
High allowable power dissipation
( )2SA2016
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(-50)100
V
Collector-to-Emitter Voltage
VCES
(-50)100
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Continued on next page.
Package Dimensions
unit : mm (typ)
7008B-003
Ordering number : EN6309D
Product & Package Information
• Package
: PCP
• JEITA, JEDEC
: SC-62, SOT-89, TO-243
• Minimum Packing Quantity : 1,000 pcs./reel
Packing Type: TD
Marking
Electrical Connection
TD
1 : Base
2 : Collector
3 : Emitter
PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
Top View
Bottom View
0.75
2SA2016-TD-E
2SC5569-TD-E
2SC5569
2SA2016
2
3
1
2SC5569
2
3
1
2SA2016


Similar Part No. - 2SA2016

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2016 SANYO-2SA2016 Datasheet
50Kb / 5P
DC/DC Converter Applications
logo
Unisonic Technologies
2SA2016 UTC-2SA2016 Datasheet
110Kb / 6P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
Sanyo Semicon Device
2SA2016 SANYO-2SA2016 Datasheet
63Kb / 5P
DC / DC Converter Applications
2SA2016 SANYO-2SA2016 Datasheet
467Kb / 8P
DC / DC Converter Applications
2SA2016 SANYO-2SA2016 Datasheet
472Kb / 8P
DC / DC Converter Applications
More results

Similar Description - 2SA2016

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SD1623T-TD-E ONSEMI-2SD1623T-TD-E Datasheet
368Kb / 8P
Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SA1708S-AN ONSEMI-2SA1708S-AN Datasheet
632Kb / 5P
Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
September, 2013
2SA2012-TD-E ONSEMI-2SA2012-TD-E Datasheet
81Kb / 5P
Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
December, 2013
2SA2124 ONSEMI-2SA2124 Datasheet
321Kb / 7P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2125 ONSEMI-2SA2125 Datasheet
325Kb / 1P
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013
2SA2153 ONSEMI-2SA2153 Datasheet
325Kb / 6P
Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2202 ONSEMI-2SA2202 Datasheet
87Kb / 4P
Bipolar Transistor -100V, -2A, Low VCE(sat) PNP Single PCP
January, 2014
2SB1122 ONSEMI-2SB1122 Datasheet
81Kb / 4P
Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
December, 2013
2SB1123 ONSEMI-2SB1123 Datasheet
368Kb / 8P
Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com